Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 31 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 27Page - STMicroelectronics LED7707 Datasheet HTML 28Page - STMicroelectronics LED7707 Datasheet HTML 29Page - STMicroelectronics LED7707 Datasheet HTML 30Page - STMicroelectronics LED7707 Datasheet HTML 31Page - STMicroelectronics LED7707 Datasheet HTML 32Page - STMicroelectronics LED7707 Datasheet HTML 33Page - STMicroelectronics LED7707 Datasheet HTML 34Page - STMicroelectronics LED7707 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
LED7707
Application information
31/48
6.3
Component selection
6.3.1
Inductor selection
Being the LED7707 mostly dedicated to backlighting, real-estate applications dictate severe
constrain in selecting the optimal inductor. The inductor choice must take into account
different parameters like conduction losses (DCR), core losses (ferrite or iron-powder),
saturation current and magnetic-flux shielding (core shape and technology).
The switching frequency of the LED7707 can be set in the 200 kHz-1 MHz range, allowing a
wide selecting room for the inductance value. Low switching frequencies takes to high
inductance value, resulting in significant DCR and size. On the other hand, high switching
frequencies result in significant core losses. The suggested range is 4.7-22 µH, even if the
best trade off between the different loss contributions varies from manufacturer to
manufacturer.
A 6.8 µH inductor has been experimentally found as the most suitable for applications
running at a 660 kHz switching frequency.
6.3.2
Capacitors selection
The input and output capacitors should have very low ESR (ceramic capacitors) in order to
minimize the ripple voltage. The boost converter of the LED7707 has been designed to
support ceramic capacitors. The required capacitance depends on the programmed LED
current and the minimum dimming frequency (the boost converter is off when the DIM pin is
low and the output capacitor is slowly discharged). Considering the worst case (i.e. 200 Hz
dimming frequency and 85 mA/channel), two 4.4 µF MLCCs are suitable for almost all
applications. Particular care must be taken when selecting the rated voltage and the
dielectric type of the output capacitors: 50 V rated MLCC may show a significant
capacitance drop when biased, especially in case of Y5V dielectric.
As in most of boost converters, the input capacitor is less critical, although it is necessary to
reduce the switching noise on the supply rail. The input capacitor is also important for the
internal LDO of the LED7707 and must be kept as close as possible to the chip. The rated
voltage of the input capacitor can be chosen according to the supply voltage range; a 10 µF
X5R MLCC is recommended.
Table 8.
Recommended inductors
Manufacturer
Part number
Description
Size
Coilcraft
LPS6235-682MLC
6.8
μH, 75 mΩ, 2.7 A
6x6 mm
Coilcraft
XPL7030-682ML
6.8
μH, 60 mΩ, 5.8 A
7x7 mm
Wurth
7440650068
6.8
μH, 33 mΩ, 3.6 A
10x10 mm
Table 9.
Recommended capacitors
Manufacturer
Part number
Description
Package
Notes
Taiyo Yuden
UMK325BJ106KM-T
Ceramic, 35V, X5R, 20 %
SMD 1210
CIN
Murata
GRM31CR71H225KA88B
Ceramic, 50V, X7R, 20 %
SMD 1206
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com