Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 27 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 23Page - STMicroelectronics LED7707 Datasheet HTML 24Page - STMicroelectronics LED7707 Datasheet HTML 25Page - STMicroelectronics LED7707 Datasheet HTML 26Page - STMicroelectronics LED7707 Datasheet HTML 27Page - STMicroelectronics LED7707 Datasheet HTML 28Page - STMicroelectronics LED7707 Datasheet HTML 29Page - STMicroelectronics LED7707 Datasheet HTML 30Page - STMicroelectronics LED7707 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
LED7707
Application information
27/48
Equation 13b
Where VIN,min is the minimum input voltage and IOUT is the overall output current.
Note that, the lower the inductor value (and the higher the switching frequency), the higher
the bandwidth can be achieved. The output capacitor is directly involved in the loop of the
boost converter and must be large enough to avoid excessive output voltage drop in case of
a sudden line transition from the maximum to the minimum input voltages.
However a more significant requirement concerns the output voltage ripple.
The output capacitor should be chosen in accordance with the following expression:
Equation 14
where
ΔV
OUT, max is the maximum acceptable output voltage ripple, IL, peak is the peak
inductor current, TOFF is the off-time of the switching cycle (for an extensive explanation see
Section 6.4.4 on page 34
).
Once the output capacitor has been chosen, the RCOMP can be calculated as:
Equation 15
Where GM = 2.7 S and gEA = 375 µS
Equation 15 places the loop bandwidth at fU. Then, the CCOMP capacitor is determined to
place the frequency of the compensation zero 5 times lower than the loop bandwidth:
Equation 16
Where fZ = fU/5.
In most of the applications an experimental approach is also very valid to compensate the
circuit. A simple technique to optimize different applications is to choose CCOMP = 4.7 nF
and to replace RCOMP with a 10 kΩ trimmer adjusting its value to properly damp the output
transient response. Insufficient damping will result in excessive ringing at the output and
poor phase margin.
Figure 18
(a and b) give an example of compensation adjustment for a typical application.
OUT
OUT
I
V
R
=
(
)
max
,
OUT
OFF
OUT
peak
,
L
OUT
V
2
T
I
I
C
Δ
⋅
⋅
−
>
M
g
G
C
f
2
R
EA
M
U
COMP
⋅
⋅
⋅
⋅
π
=
COMP
Z
COMP
R
f
2
1
C
⋅
⋅
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com