Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 12Page - STMicroelectronics LED7707 Datasheet HTML 13Page - STMicroelectronics LED7707 Datasheet HTML 14Page - STMicroelectronics LED7707 Datasheet HTML 15Page - STMicroelectronics LED7707 Datasheet HTML 16Page - STMicroelectronics LED7707 Datasheet HTML 17Page - STMicroelectronics LED7707 Datasheet HTML 18Page - STMicroelectronics LED7707 Datasheet HTML 19Page - STMicroelectronics LED7707 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Operation description
LED7707
16/48
5.1.5
Switching frequency selection and synchronization
The switching frequency of the boost converter can be set in the 250 kHz-1 MHz range by
connecting the FSW pin to ground through a resistor. Calculation of the setting resistor is
made using equation 4 and should not exceed the 100 k
Ω-400 kΩ range.
Equation 4
In addition, when the FSW pin is tied to AVCC, the LED7707 uses a default 660 kHz fixed
switching frequency, allowing to save a resistor in minimum component-count applications.
Figure 10.
Multiple device synchronization
The FSW pin can also be used as synchronization input, allowing the LED7707 to operate
both as master or slave device. If a clock signal with a 210 kHz minimum frequency is
applied to this pin, the device locks synchronized. The signal provided to the FSW pin must
cross the 270 mV threshold in order to be recognized. The minimum pulse width which
allows the synchronizing pulses to be detected is 270 ns. An Internal time-out allows
synchronization as long as the external clock frequency is greater than 220 kHz.
Keeping the FSW pin voltage lower than 270 mV for more than 4.5 µs results in device
turned off. Normal operation is resumed as soon as FSW rises above the mentioned
threshold and the soft-start sequence is repeated.
The SYNC pin is a synchronization output and provides a 35 % (typ.) duty-cycle clock when
the LED7707 is used as master or a replica of the FSW pin when used as slave. It is used to
connect multiple devices in a daisy-chain configuration or to synchronize other switching
converters running in the system with the LED7707 (master operation). When an external
synchronization clock is applied to the FSW pin, the internal oscillator is over-driven: each
switching cycle begins at the rising edge of clock, while the slope compensation (Figure 11)
ramp starts at the falling edge of the same signal. Thus, to prevent sub-harmonic instability
(see Section 5.1.6), the external synchronization clock is required to have a 40 % maximum
duty-cycle when the boost converter is working in continuous-conduction mode (CCM) in
order to assure that the slope compensation is effective (starts with duty-cycle lower than
40%)
5
.
2
F
R
SW
FSW =
SYNC
SGND
LED7707
AVCC
RFSW
FSW
SYNC
SGND
LED7707
SLAVE
FSW
MASTER
Sync Out
SYNC
AM00587v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com