Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 10Page - STMicroelectronics LED7707 Datasheet HTML 11Page - STMicroelectronics LED7707 Datasheet HTML 12Page - STMicroelectronics LED7707 Datasheet HTML 13Page - STMicroelectronics LED7707 Datasheet HTML 14Page - STMicroelectronics LED7707 Datasheet HTML 15Page - STMicroelectronics LED7707 Datasheet HTML 16Page - STMicroelectronics LED7707 Datasheet HTML 17Page - STMicroelectronics LED7707 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Operation description
LED7707
14/48
In applications where the dimming signal is used to turn on and off the device, the EN pin
can be connected to the DIM pin as shown in Figure 7.
Figure 7.
External sync waveforms
5.1.3
Soft-start
The soft-start function is required to perform a correct start-up of the system, controlling the
inrush current required to charge the output capacitor and to avoid output voltage overshoot.
The soft-start duration is set connecting an external capacitor between the SS pin and
ground. This capacitor is charged with a 5
μA (typ.) constant current, forcing the voltage on
the SS pin to ramp up. When this voltage increases from zero to nearly 1.2 V, the current
limit of the power MOSFET is proportionally released from zero to its final value. However,
because of the limited minimum on-time of the switching section, the inductor might saturate
due to current runaway. To solve this problem the switching frequency is reduced to one half
of the nominal value at the beginning of the soft-start phase. The nominal switching
frequency is restored after the SS pin voltage has crossed 0.8 V.
Figure 8.
Soft-start sequence waveforms in case of floating rows
DIM
EN
SGND
LED7707
220k
100n
BAS69
AM00584v1
AVCC
tss
SS pin voltage
t
Protections turn active
1.2V
0.8V
Current limit
EN pin voltage
100%
Output voltage
OVP
95% of
OVP
Floating ROWs detection
2.4V
Nominal switching
frequency release
AM00585v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com