Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 50Page - Renesas Technology Corp R8C2K Datasheet HTML 51Page - Renesas Technology Corp R8C2K Datasheet HTML 52Page - Renesas Technology Corp R8C2K Datasheet HTML 53Page - Renesas Technology Corp R8C2K Datasheet HTML 54Page - Renesas Technology Corp R8C2K Datasheet HTML 55Page - Renesas Technology Corp R8C2K Datasheet HTML 56Page - Renesas Technology Corp R8C2K Datasheet HTML 57Page - Renesas Technology Corp R8C2K Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 471 page
background image
R8C/2K Group, R8C/2L Group
6. Voltage Detection Circuit
Rev.1.10
Dec 21, 2007
Page 37 of 450
REJ09B0406-0110
Figure 6.7
VW1C Register
Voltage Monitor 1 Circuit Control Register
(1)
Symbol
Address
After Reset(8)
VW1C
0036h
00001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
9. When the VW1C6 bit is set to 1 (voltage monitor 1 reset mode), set the VW1C7 bit to 1 (w hen VCC reaches Vdet1 or
below ). (Do not set to 0.)
Set the PRC3 bit in the PRCR register to 1 (rew rite enable) before w riting to the VW1C register.
To use the voltage monitor 1 interrupt to exit stop mode and to return again, w rite 0 to the VW1C1 bit before w riting
1.
Bits VW1C2 and VW1C3 are enabled w hen the VCA26 bit in the VCA2 register is set to 1 (voltage detection 1 circuit
enabled).
Set this bit to 0 by a program. When 0 is w ritten by a program, it is set to 0 (and remains unchanged even if 1 is
w ritten to it).
The VW1C6 bit is enabled w hen the VW1C0 bit is set to 1 (voltage monitor 1 interrupt/enabled reset).
The VW1C0 bit is enabled w hen the VCA26 bit in the VCA2 register is set to 1 (voltage detection 1 circuit enabled).
Set the VW1C0 bit to 0 (disable) w hen the VCA26 bit is set to 0 (voltage detection 1 circuit disabled).
The VW1C7 bit is enabled w hen the VW1C1 bit is set to 1 (digital filter disabled mode).
Bits VW1C2 and VW1C3 remain unchanged after a softw are reset, w atchdog timer reset, voltage monitor 1 reset,
or voltage monitor 2 reset.
VW1C7
Voltage monitor 1 interrupt/reset
generation condition select bit(7, 9)
0 : When VCC reaches Vdet1 or above
1 : When VCC reaches Vdet1 or below
RW
VW1C6
Voltage monitor 1 circuit mode
select bit(5)
0 : Voltage monitor 1 interrupt mode
1 : Voltage monitor 1 reset mode
RW
VW1C3
Voltage detection 1 signal monitor
flag(3, 8)
VW1F1
RW
Sampling clock select bits
b5 b4
0 0 : fOCO-S divided by 1
0 1 : fOCO-S divided by 2
1 0 : fOCO-S divided by 4
1 1 : fOCO-S divided by 8
VW1F0
RW
0 : VCC < Vdet1
1 : VCC
≥ Vdet1 or voltage detection 1
circuit disabled
RO
0 : Digital filter enabled mode
(digital filter circuit enabled)
1 : Digital filter disabled mode
(digital filter circuit disabled)
RW
VW1C2
Voltage change detection
flag(3, 4, 8)
VW1C1
Voltage monitor 1 digital filter
disable mode select bit(2)
VW1C0
RW
Voltage monitor 1 interrupt/reset
enable bit(6)
0 : Disable
1 : Enable
b7 b6 b5 b4
b2
0 : Not detected
1 : Vdet1 crossing detected
RW
b1 b0
b3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com