Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 12Page - Renesas Technology Corp R8C2K Datasheet HTML 13Page - Renesas Technology Corp R8C2K Datasheet HTML 14Page - Renesas Technology Corp R8C2K Datasheet HTML 15Page - Renesas Technology Corp R8C2K Datasheet HTML 16Page - Renesas Technology Corp R8C2K Datasheet HTML 17Page - Renesas Technology Corp R8C2K Datasheet HTML 18Page - Renesas Technology Corp R8C2K Datasheet HTML 19Page - Renesas Technology Corp R8C2K Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 471 page
background image
B - 3
NOTE:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0100h
Timer RA Control Register
TRACR
137
0101h
Timer RA I/O Control Register
TRAIOC
137, 139, 142,
144, 146, 149
0102h
Timer RA Mode Register
TRAMR
138
0103h
Timer RA Prescaler Register
TRAPRE
138
0104h
Timer RA Register
TRA
138
0105h
LIN Control Register 2
LINCR2
335
0106h
LIN Control Register
LINCR
335
0107h
LIN Status Register
LINST
336
0108h
Timer RB Control Register
TRBCR
154
0109h
Timer RB One-Shot Control Register
TRBOCR
154
010Ah
Timer RB I/O Control Register
TRBIOC
155, 157, 161,
164, 168
010Bh
Timer RB Mode Register
TRBMR
155
010Ch
Timer RB Prescaler Register
TRBPRE
156
010Dh
Timer RB Secondary Register
TRBSC
156
010Eh
Timer RB Primary Register
TRBPR
156
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
0119h
011Ah
011Bh
011Ch
011Dh
011Eh
011Fh
0120h
Timer RC Mode Register
TRCMR
177
0121h
Timer RC Control Register 1
TRCCR1
178, 201, 205,
210
0122h
Timer RC Interrupt Enable Register
TRCIER
179
0123h
Timer RC Status Register
TRCSR
180
0124h
Timer RC I/O Control Register 0
TRCIOR0
185, 194, 199
0125h
Timer RC I/O Control Register 1
TRCIOR1
185, 195, 200
0126h
Timer RC Counter
TRC
181
0127h
0128h
Timer RC General Register A
TRCGRA
181
0129h
012Ah
Timer RC General Register B
TRCGRB
181
012Bh
012Ch
Timer RC General Register C
TRCGRC
181
012Dh
012Eh
Timer RC General Register D
TRCGRD
181
012Fh
Address
Register
Symbol
Page
0130h
Timer RC Control Register 2
TRCCR2
182
0131h
Timer RC Digital Filter Function Select
Register
TRCDF
183
0132h
Timer RC Output Master Enable Register
TRCOER
184
0133h
0134h
0135h
0136h
0137h
Timer RD Start Register
TRDSTR
229, 243, 260,
273, 283, 297
0138h
Timer RD Mode Register
TRDMR
229, 243, 260,
273, 284, 298
0139h
Timer RD PWM Mode Register
TRDPMR
230, 244, 261
013Ah
Timer RD Function Control Register
TRDFCR
231, 245, 262,
274, 285, 299
013Bh
Timer RD Output Master Enable Register 1
TRDOER1
246, 263, 275,
286, 300
013Ch
Timer RD Output Master Enable Register 2
TRDOER2
246, 263, 275,
286, 300
013Dh
Timer RD Output Control Register
TRDOCR
247, 264, 301
013Eh
Timer RD Digital Filter Function Select
Register 0
TRDDF0
232
013Fh
Timer RD Digital Filter Function Select
Register 1
TRDDF1
232
0140h
Timer RD Control Register 0
TRDCR0
233, 248, 264,
276, 287, 302
0141h
Timer RD I/O Control Register A0
TRDIORA0
234, 249
0142h
Timer RD I/O Control Register C0
TRDIORC0
235, 250
0143h
Timer RD Status Register 0
TRDSR0
236, 251, 265,
277, 288, 303
0144h
Timer RD Interrupt Enable Register 0
TRDIER0
237, 252, 266,
278, 289, 304
0145h
Timer RD PWM Mode Output Level Control
Register 0
TRDPOCR0
267
0146h
Timer RD Counter 0
TRD0
237, 253, 267,
278, 290, 304
0147h
0148h
Timer RD General Register A0
TRDGRA0
238, 253, 268,
279, 290, 305
0149h
014Ah
Timer RD General Register B0
TRDGRB0
238, 253, 268,
279, 290, 305
014Bh
014Ch
Timer RD General Register C0
TRDGRC0
238, 253, 268,
279, 290, 305
014Dh
014Eh
Timer RD General Register D0
TRDGRD0
238, 253, 268,
279, 290, 305
014Fh
0150h
Timer RD Control Register 1
TRDCR1
233, 248, 264,
287
0151h
Timer RD I/O Control Register A1
TRDIORA1
234, 249
0152h
Timer RD I/O Control Register C1
TRDIORC1
235, 250
0153h
Timer RD Status Register 1
TRDSR1
236, 251, 265,
277, 288, 303
0154h
Timer RD Interrupt Enable Register 1
TRDIER1
237, 252, 266,
278, 289, 304
0155h
Timer RD PWM Mode Output Level Control
Register 1
TRDPOCR1
267
0156h
Timer RD Counter 1
TRD1
237, 253, 267,
290
0157h
0158h
Timer RD General Register A1
TRDGRA1
238, 253, 268,
279, 290, 305
0159h
015Ah
Timer RD General Register B1
TRDGRB1
238, 253, 268,
279, 290, 305
015Bh
015Ch
Timer RD General Register C1
TRDGRC1
238, 253, 268,
279, 290, 305
015Dh
015Eh
Timer RD General Register D1
TRDGRD1
238, 253, 268,
279, 290, 305
015Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com