Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 84Page - Renesas Technology Corp R8C2K Datasheet HTML 85Page - Renesas Technology Corp R8C2K Datasheet HTML 86Page - Renesas Technology Corp R8C2K Datasheet HTML 87Page - Renesas Technology Corp R8C2K Datasheet HTML 88Page - Renesas Technology Corp R8C2K Datasheet HTML 89Page - Renesas Technology Corp R8C2K Datasheet HTML 90Page - Renesas Technology Corp R8C2K Datasheet HTML 91Page - Renesas Technology Corp R8C2K Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 471 page
background image
R8C/2K Group, R8C/2L Group
10. Clock Generation Circuit
Rev.1.10
Dec 21, 2007
Page 71 of 450
REJ09B0406-0110
10. Clock Generation Circuit
The clock generation circuit has:
• XIN clock oscillation circuit
• Low-speed on-chip oscillator
• High-speed on-chip oscillator
Table 10.1 lists the Specifications of Clock Generation Circuit. Figure 10.1 shows a Clock Generation Circuit. Figure
10.2 shows a Peripheral Function Clock. Figures 10.3 to 10.8 show clock associated registers.
NOTES:
1. These pins can be used as P4_6 or P4_7 when using the on-chip oscillator clock as the CPU clock while the
XIN clock oscillation circuit is not used.
2. Set the CM05 bit in the CM0 register to 1 (XIN clock stopped), and the CM13 bit in the CM1 register to 1 (XIN-
XOUT pin) when an external clock is input.
3. The clock frequency is automatically set to up to 20 MHz by a divider when using the high-speed on-chip
oscillator as the CPU clock source.
Table 10.1
Specifications of Clock Generation Circuit
Item
XIN Clock Oscillation Circuit
On-Chip Oscillator
High-Speed On-Chip Oscillator
Low-Speed On-Chip Oscillator
Applications
• CPU clock source
• Peripheral function clock
source
• CPU clock source
• Peripheral function clock
source
• CPU and peripheral function
clock sources when XIN clock
stops oscillating
• CPU clock source
• Peripheral function clock
source
• CPU and peripheral function
clock sources when XIN clock
stops oscillating
Clock frequency
0 to 20 MHz
Approx. 40 MHz(3)
Approx. 125 kHz
Connectable
oscillator
• Ceramic resonator
• Crystal oscillator
−−
Oscillator
connect pins
XIN, XOUT(1)
−(1)
−(1)
Oscillation stop,
restart function
Usable
Usable
Usable
Oscillator status
after reset
Stop
Stop
Oscillate
Others
• Externally generated clock
can be input(2)
• On-chip feedback resistor
RfXIN (connected/ not
connected, selectable)
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com