Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 95Page - Renesas Technology Corp R8C2K Datasheet HTML 96Page - Renesas Technology Corp R8C2K Datasheet HTML 97Page - Renesas Technology Corp R8C2K Datasheet HTML 98Page - Renesas Technology Corp R8C2K Datasheet HTML 99Page - Renesas Technology Corp R8C2K Datasheet HTML 100Page - Renesas Technology Corp R8C2K Datasheet HTML 101Page - Renesas Technology Corp R8C2K Datasheet HTML 102Page - Renesas Technology Corp R8C2K Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 471 page
background image
R8C/2K Group, R8C/2L Group
10. Clock Generation Circuit
Rev.1.10
Dec 21, 2007
Page 82 of 450
REJ09B0406-0110
10.2
On-Chip Oscillator Clocks
These clocks are supplied by the on-chip oscillators (high-speed on-chip oscillator and a low-speed on-chip
oscillator). The on-chip oscillator clock is selected by the FRA01 bit in the FRA0 register.
10.2.1
Low-Speed On-Chip Oscillator Clock
The clock generated by the low-speed on-chip oscillator is used as the clock source for the CPU clock,
peripheral function clock, fOCO, and fOCO-S.
After reset, the on-chip oscillator clock generated by the low-speed on-chip oscillator divided by 8 is selected as
the CPU clock.
If the XIN clock stops oscillating when bits OCD1 to OCD0 in the OCD register are set to 11b, the low-speed
on-chip oscillator automatically starts operating, supplying the necessary clock for the MCU.
The frequency of the low-speed on-chip oscillator varies depending on the supply voltage and the operating
ambient temperature. Application products must be designed with sufficient margin to allow for frequency
changes.
10.2.2
High-Speed On-Chip Oscillator Clock
The clock generated by the high-speed on-chip oscillator is used as the clock source for the CPU clock,
peripheral function clock, fOCO, fOCO-F, and fOCO40M.
To use the high-speed on-chip oscillator clock as the clock source for the CPU clock, peripheral clock, fOCO,
and fOCO-F, set bits FRA20 to FRA22 in the FRA2 register as follows:
• All divide ratio mode settings are supported when VCC = 3.0 V to 5.5 V 000b to 111b
• Divide ratio of 4 or more when VCC = 2.7 V to 5.5 V
010b to 111b (divide by 4 or more)
• Divide ratio of 8 or more when VCC = 2.2 V to 5.5 V
110b to 111b (divide by 8 or more)
After reset, the on-chip oscillator clock generated by the high-speed on-chip oscillator stops. Oscillation is
started by setting the FRA00 bit in the FRA0 register to 1 (high-speed on-chip oscillator on). The frequency can
be adjusted by registers FRA1 and FRA2.
Furthermore, frequency correction data corresponding to the supply voltage ranges VCC = 2.2 V to 5.5 V is
stored in FRA6 register. To use separate correction values to match this voltage ranges, transfer them from the
FRA6 register to the FRA1 register.
The frequency correction data of 36.864 MHz is stored in the FRA7 register. To set the frequency of the high-
speed on-chip oscillator to 36.864 MHz, transfer the correction value in the FRA7 register to the FRA1 register
before use. This enables the setting errors of bit rates such as 9600 bps and 38400 bps to be 0% when the serial
interface is used in UART mode (refer to Table 17.7 Bit Rate Setting Example in UART Mode).
Since there are differences in the amount of frequency adjustment among the bits in the FRA1 register, make
adjustments by changing the settings of individual bits. Adjust the FRA1 register so that the frequency of the
high-speed on-chip oscillator clock will be 40 MHz or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com