Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 57Page - Renesas Technology Corp R8C2K Datasheet HTML 58Page - Renesas Technology Corp R8C2K Datasheet HTML 59Page - Renesas Technology Corp R8C2K Datasheet HTML 60Page - Renesas Technology Corp R8C2K Datasheet HTML 61Page - Renesas Technology Corp R8C2K Datasheet HTML 62Page - Renesas Technology Corp R8C2K Datasheet HTML 63Page - Renesas Technology Corp R8C2K Datasheet HTML 64Page - Renesas Technology Corp R8C2K Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 471 page
background image
R8C/2K Group, R8C/2L Group
6. Voltage Detection Circuit
Rev.1.10
Dec 21, 2007
Page 44 of 450
REJ09B0406-0110
Figure 6.11
Example of Voltage Monitor 2 Interrupt and Voltage Monitor 2 Reset Operation
Vdet2
VCA13 bit
Internal reset signal
(VW2C6 = 1)
VCC
The above applies under the following conditions.
• VCA27 bit in VCA2 register = 1 (voltage detection 2 circuit enabled)
• VW2C0 bit in VW2C register = 1 (voltage monitor 2 interrupt and voltage monitor 2 reset enabled)
NOTE:
1. When voltage monitor 0 reset is not used, set the power supply to VCC
≥ 2.2.
2.2 V(1)
0
1
4 cycles of sampling clock of
digital filter
VW2C2 bit
0
1
When the VW2C1 bit is set
to 0 (digital filter enabled)
VW2C2 bit
0
1
When the VW2C1 bit is
set to 1 (digital filter
disabled) and the
VW2C7 bit is set to 0
(Vdet2 or above)
VCA13: Bit in VCA1 register
VW2C1, VW2C2, VW2C6, VW2C7: Bits in VW2C register
Set to 0 by interrupt request
acknowledgement
Set to 0 by a program
Voltage monitor 2
interrupt request
(VW2C6 = 0)
Voltage monitor 2
interrupt request
(VW2C6 = 0)
VW2C2 bit
0
1
When the VW2C1 bit is
set to 1 (digital filter
disabled) and the
VW2C7 bit is set to 1
(Vdet2 or below)
Voltage monitor 2
interrupt request
(VW2C6 = 0)
Internal reset signal
(VW2C6 = 1)
4 cycles of sampling clock of
digital filter
Set to 0 by a program
Set to 0 by interrupt
request
acknowledgement
Set to 0 by a program
Set to 0 by interrupt
request acknowledgement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com