Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 91Page - Renesas Technology Corp R8C2K Datasheet HTML 92Page - Renesas Technology Corp R8C2K Datasheet HTML 93Page - Renesas Technology Corp R8C2K Datasheet HTML 94Page - Renesas Technology Corp R8C2K Datasheet HTML 95Page - Renesas Technology Corp R8C2K Datasheet HTML 96Page - Renesas Technology Corp R8C2K Datasheet HTML 97Page - Renesas Technology Corp R8C2K Datasheet HTML 98Page - Renesas Technology Corp R8C2K Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 471 page
background image
R8C/2K Group, R8C/2L Group
10. Clock Generation Circuit
Rev.1.10
Dec 21, 2007
Page 78 of 450
REJ09B0406-0110
Figure 10.7
Registers FRA2, FRA6 and FRA7
High-Speed On-Chip Oscillator Control Register 2
(1)
Symbol
Address
After Reset
FRA2
0025h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1. Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the FRA2 register.
b7 b6 b5 b4 b3 b2 b1 b0
000 00
Selects the dividing ratio for the high-
speed on-chip oscillator clock.
b2 b1 b0
0 0 0: Divide-by-2 mode
0 0 1: Divide-by-3 mode
0 1 0: Divide-by-4 mode
0 1 1: Divide-by-5 mode
1 0 0: Divide-by-6 mode
1 0 1: Divide-by-7 mode
1 1 0: Divide-by-8 mode
1 1 1: Divide-by-9 mode
FRA20
FRA22
RW
—
(b7-b3)
RW
Reserved bits
Set to 0.
High-speed on-chip oscillator
frequency sw itching bits
RW
FRA21
RW
High-Speed On-Chip Oscillator Control Register 6
Symbol
Address
After Reset
FRA6
002Bh
When Shipping
RW
RO
Function
Stores data for frequency correction w hen VCC = 2.2 to 5.5 V. Optimal frequency correction
to match the voltage conditions can be achieved by transferring this value to the FRA1
register.
b3 b2 b1 b0
b7 b6 b5 b4
High-Speed On-Chip Oscillator Control Register 7
Symbol
Address
After Reset
FRA7
002Ch
When Shipping
RW
b7 b6 b5 b4 b3 b2 b1 b0
RO
Function
36.864 MHz frequency correction data is stored.
The oscillation frequency of the high-speed on-chip oscillator can be adjusted to 36.864 MHz
by transferring this value to the FRA1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com