Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 72Page - Renesas Technology Corp R8C2K Datasheet HTML 73Page - Renesas Technology Corp R8C2K Datasheet HTML 74Page - Renesas Technology Corp R8C2K Datasheet HTML 75Page - Renesas Technology Corp R8C2K Datasheet HTML 76Page - Renesas Technology Corp R8C2K Datasheet HTML 77Page - Renesas Technology Corp R8C2K Datasheet HTML 78Page - Renesas Technology Corp R8C2K Datasheet HTML 79Page - Renesas Technology Corp R8C2K Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 471 page
background image
R8C/2K Group, R8C/2L Group
7. Programmable I/O Ports
Rev.1.10
Dec 21, 2007
Page 59 of 450
REJ09B0406-0110
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU01 bit in the PUR0 register to 1.
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU02 bit in the PUR0 register to 1.
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU02 bit in the PUR0 register to 1.
2.
To use the Timer RC, set the PINSR3 register to “1Fh”.
X: 0 or 1
Table 7.8
Port P0_5/AN2
Register
PD0
ADCON0
Function
Bit
PD0_5
CH2
CH1
CH0
ADGSEL0
Setting
Value
0
XXX
X
Input port(1)
1
X
X
X
X
Output port
0
0100
A/D converter input (AN2)
Table 7.9
Port P1_0/AN8/KI0
Register
PD0
KIEN
ADCON0
Function
Bit
PD0_3
KI0EN
CH2
CH1
CH0
ADGSEL0
Setting
Value
0
0
XX
XX
Input port(1)
1
0
X
X
X
X
Output port
0
1
XX
XX
KI0 input
00
1001
A/D converter input (AN8)
Table 7.10
Port P1_1/AN9/KI1/TRCIOA/TRCTRG
Register
PD1
KIEN
Timer RC Setting
ADCON0
Function
Bit
PD1_1 KI1EN
−
CH2
CH1
CH0
ADGSEL0
Setting
value
0
0
Other than TRCIOA usage conditions
X
X
X
X
Input port(1)
1
0
Other than TRCIOA usage conditions
X
X
X
X
Output port
0
0
Other than TRCIOA usage conditions
1
0
1
1
A/D converter input (AN9)
0
1
Other than TRCIOA usage conditions
X
X
X
X
KI1 input(1)
X0
Refer to Table 7.11 TRCIOA Pin
Setting
XX
X
X
TRCIOA output(2)
00
Refer to Table 7.11 TRCIOA Pin
Setting
XX
X
X
TRCIOA input(1, 2)
Table 7.11
TRCIOA Pin Setting
Register
TRCOER
TRCMR
TRCIOR0
TRCCR2
Function
Bit
EA
PWM2
IOA2
IOA1
IOA0
TCEG1
TCEG0
Setting
value
01
00
1
X
X
Timer waveform output
(output compare function)
01
X
X
X
0
11
X
X
XX
Timer mode (input capture function)
1X
X
1
0
XXX
01
PWM2 mode TRCTRG input
1X
Other than above
Other than TRCIOA usage conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com