Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 75Page - Renesas Technology Corp R8C2K Datasheet HTML 76Page - Renesas Technology Corp R8C2K Datasheet HTML 77Page - Renesas Technology Corp R8C2K Datasheet HTML 78Page - Renesas Technology Corp R8C2K Datasheet HTML 79Page - Renesas Technology Corp R8C2K Datasheet HTML 80Page - Renesas Technology Corp R8C2K Datasheet HTML 81Page - Renesas Technology Corp R8C2K Datasheet HTML 82Page - Renesas Technology Corp R8C2K Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 471 page
background image
R8C/2K Group, R8C/2L Group
7. Programmable I/O Ports
Rev.1.10
Dec 21, 2007
Page 62 of 450
REJ09B0406-0110
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU03 bit in the PUR0 register to 1.
2.
Set the TOPCR bit in the TRAIOC register to 0 in modes except for pulse output mode.
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU04 bit in the PUR0 register to 1.
2.
Output drive capacity high by setting the P2DRR0 bit in the P2DRR register to 1.
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU04 bit in the PUR0 register to 1.
2.
Output drive capacity high by setting the P2DRR1 bit in the P2DRR register to 1.
Table 7.19
Port P1_7/TRAIO/INT1
Register
PD1
TRAIOC
TRAMR
INTEN
Function
Bit
PD1_7
TIOSEL
TOPCR(2)
TMOD2
TMOD1
TMOD0
INT1EN
Setting
value
0
1
X
XX
XX
Input port(1)
010
0
1
0
000
0
0
0
1
1
X
XX
XX
Output port
000
0
0
X
0
0
0
Other than 000b, 001b
0
TRAIO input(1)
000
0
0
1
INT1
010
0
1
1
0
0
Other than 000b, 001b
1
TRAIO input/INT1(1)
X
0
0
0
0
1
X
TRAIO pulse output
Table 7.20
Port P2_0/TRDIOA0/TRDCLK
Register
PD2
TRDOER1
TRDFCR
TRDIORA0
Function
Bit
PD2_0
EA0
CMD1
CMD0
STCLK
PWM3
IOA2
IOA1
IOA0
Setting
Value
0
1
X
XXX
X
X
X
Input port(1)
1
1
X
XXX
X
X
X
Output port(2)
0
X
0
0
0
1
1
X
X
Timer mode (input capture function)
0
X
X
X
1
1000
External clock input (TRDCLK)
X0
0
0
0
0
X
X
X
PWM3 mode waveform output(2)
X0
0
0
0
1
001
Timer mode waveform output
(output compare function)(2)
01
X
Table 7.21
Port P2_1/TRDIOB0
Register
PD2
TRDOER1
TRDFCR
TRDPMR
TRDIORA0
Function
Bit
PD2_1
EB0
CMD1 CMD0
PWM3
PWMB0
IOB2
IOB1
IOB0
Setting
Value
01
X
X
X
X
X
X
X
Input port(1)
11
X
X
X
X
X
X
X
Output port(2)
0
X
0
0
1
0
1
X
X
Timer mode (input capture function)
X0
10
X
X
X
X
X
Complementary PWM mode waveform output
11
X0
0
1
X
X
X
X
X
Reset synchronous PWM mode waveform output
X0
0
0
0
X
X
X
X
PWM3 mode waveform output(2)
X0
0
0
1
1
X
X
X
PWM mode waveform output(2)
X0
0
0
1
0
00
1
Timer mode waveform output (output compare
function)(2)
01
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com