Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 68Page - Renesas Technology Corp R8C2K Datasheet HTML 69Page - Renesas Technology Corp R8C2K Datasheet HTML 70Page - Renesas Technology Corp R8C2K Datasheet HTML 71Page - Renesas Technology Corp R8C2K Datasheet HTML 72Page - Renesas Technology Corp R8C2K Datasheet HTML 73Page - Renesas Technology Corp R8C2K Datasheet HTML 74Page - Renesas Technology Corp R8C2K Datasheet HTML 75Page - Renesas Technology Corp R8C2K Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 471 page
background image
R8C/2K Group, R8C/2L Group
7. Programmable I/O Ports
Rev.1.10
Dec 21, 2007
Page 55 of 450
REJ09B0406-0110
Figure 7.9
Pi (i = 0 to 4) Registers
Figure 7.10
P2DRR Register
Port Pi Register (i = 0 to 4)
Symbol
Address
After Reset
P0(1)
00E0h
Undefined
P1
00E1h
Undefined
P2
00E4h
Undefined
P3(2)
00E5h
Undefined
P4(3)
00E8h
Undefined
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3. Bits P4_0, P4_1, P4_3, and P4_4 in the P4 register are unavailable on this MCU.
If it is necessary to set bits P4_0, P4_1, P4_3, and P4_4, set to 0 (“L” level). When read, the content is 0.
Pi_7
Bits P0_4, P0_6, and P0_7 in the P0 register are unavailable on this MCU.
If it is necessary to set bits P0_4, P0_6, and P0_7, set to 0 (“L” level). When read, the content is 0.
Bits P3_0 to P3_2, P3_6, and P3_7 in the P3 register are unavailable on this MCU.
If it is necessary to set bits P3_0 to P3_2, P3_6, and P3_7, set to 0 (“L” level). When read, the content is 0.
Pi_6
RW
b3 b2 b1 b0
Pi_1
Pi_5
Pi_0
Pi_2
Pi_4
Pi_3
b7 b6 b5 b4
Port Pi_0 bit
Port Pi_1 bit
Port Pi_7 bit
Port Pi_5 bit
Port Pi_4 bit
Port Pi_3 bit
RW
Port Pi_6 bit
RW
Port Pi_2 bit
RW
The pin level of any I/O port w hich is set to
input mode can be read by reading the
corresponding bit in this register. The pin level
of any I/O port w hich is set to output mode
can be controlled by w riting to the
corresponding bit in this register.
0 : “L” level
1 : “H” level
RW
RW
RW
RW
Port P2 Drive Capacity Control Register
Symbol
Address
After Reset
P2DRR
00F4h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
P2DRR4
RW
P2_4 drive capacity
RW
P2_5 drive capacity
RW
RW
P2_1 drive capacity
P2_0 drive capacity
P2DRR3
P2_2 drive capacity
P2DRR1
RW
RW
RW
b0
P2DRR0
b7 b6 b5 b4 b3 b2 b1
Both “H” and “L” output are set to high drive capacity.
P2DRR7
P2DRR5
RW
Set P2 output transistor drive capacity
0 : Low
1 : High(1)
P2DRR2
P2_7 drive capacity
P2_3 drive capacity
P2DRR6
P2_6 drive capacity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com