Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 82Page - Renesas Technology Corp R8C2K Datasheet HTML 83Page - Renesas Technology Corp R8C2K Datasheet HTML 84Page - Renesas Technology Corp R8C2K Datasheet HTML 85Page - Renesas Technology Corp R8C2K Datasheet HTML 86Page - Renesas Technology Corp R8C2K Datasheet HTML 87Page - Renesas Technology Corp R8C2K Datasheet HTML 88Page - Renesas Technology Corp R8C2K Datasheet HTML 89Page - Renesas Technology Corp R8C2K Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 471 page
background image
R8C/2K Group, R8C/2L Group
8. Processor Mode
Rev.1.10
Dec 21, 2007
Page 69 of 450
REJ09B0406-0110
8.
Processor Mode
8.1
Processor Modes
Single-chip mode can be selected as the processor mode.
Table 8.1 lists Features of Processor Mode. Figure 8.1 shows the PM0 Register and Figure 8.2 shows the PM1
Register.
Figure 8.1
PM0 Register
Figure 8.2
PM1 Register
Table 8.1
Features of Processor Mode
Processor Mode
Accessible Areas
Pins Assignable as I/O Port Pins
Single-chip mode
SFR, internal RAM, internal ROM All pins are I/O ports or peripheral
function I/O pins
Processor Mode Register 0
(1)
Symbol
Address
After Reset
PM0
0004h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
b3 b2
b1 b0
00
0
(b2-b0)
b7 b6 b5 b4
RW
Reserved bits
Set to 0.
Set the PRC1 bit in the PRCR register to 1 (w rite enable) before rew riting the PM0 register.
The MCU is reset w hen this bit is set to 1.
When read, the content is 0.
RW
(b7-b4)
PM03
Softw are reset bit
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Processor Mode Register 1
(1)
Symbol
Address
After Reset
PM1
0005h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
(b6-b3)
PM12
WDT interrupt/reset sw itch bit
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
The PM12 bit is set to 1 by a program (and remains unchanged even if 0 is w ritten to it).
When the CSPRO bit in the CSPR register is set to 1 (count source protect mode enabled), the PM12 bit is
automatically set to 1.
Reserved bit
Set to 0.
Set the PRC1 bit in the PRCR register to 1 (w rite enable) before rew riting the PM1 register.
(b7)
RW
b3 b2
b1 b0
00
0 : Watchdog timer interrupt
1 : Watchdog timer reset(2)
RW
b7 b6 b5 b4
0
(b1-b0)
RW
Reserved bits
Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com