Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 69Page - Renesas Technology Corp R8C2K Datasheet HTML 70Page - Renesas Technology Corp R8C2K Datasheet HTML 71Page - Renesas Technology Corp R8C2K Datasheet HTML 72Page - Renesas Technology Corp R8C2K Datasheet HTML 73Page - Renesas Technology Corp R8C2K Datasheet HTML 74Page - Renesas Technology Corp R8C2K Datasheet HTML 75Page - Renesas Technology Corp R8C2K Datasheet HTML 76Page - Renesas Technology Corp R8C2K Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 471 page
background image
R8C/2K Group, R8C/2L Group
7. Programmable I/O Ports
Rev.1.10
Dec 21, 2007
Page 56 of 450
REJ09B0406-0110
Figure 7.11
Registers PINSR1, PINSR2, PINSR3, and PMR
Pin Select Register 1
Symbol
Address
After Reset
PINSR1
00F5h
Undefined
RW
b7
b0
WO
Function
Set to “70h” w hen using UART2.
Do not set values other than “70h”.
When read, its content is undefined.
Pin Select Register 2
Symbol
Address
After Reset
PINSR2
00F6h
Undefined
RW
b7
b0
WO
Function
Set to “40h” w hen using Timer RB.
Do not set values other than “40h”.
When read, its content is undefined.
Pin Select Register 3
Symbol
Address
After Reset
PINSR3
00F7h
Undefined
RW
WO
Function
Set to “1Fh” w hen using Timer RC.
Do not set values other than “1Fh”.
When read, its content is undefined.
b0
b7
Port Mode Register
Symbol
Address
After Reset
PMR
00F8h
00h
RW
WO
Function
Set to “04h” w hen using INT3
_____
.
Do not set values other than “04h”.
When read, its content is undefined.
b0
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com