Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 74Page - Renesas Technology Corp R8C2K Datasheet HTML 75Page - Renesas Technology Corp R8C2K Datasheet HTML 76Page - Renesas Technology Corp R8C2K Datasheet HTML 77Page - Renesas Technology Corp R8C2K Datasheet HTML 78Page - Renesas Technology Corp R8C2K Datasheet HTML 79Page - Renesas Technology Corp R8C2K Datasheet HTML 80Page - Renesas Technology Corp R8C2K Datasheet HTML 81Page - Renesas Technology Corp R8C2K Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 471 page
background image
R8C/2K Group, R8C/2L Group
7. Programmable I/O Ports
Rev.1.10
Dec 21, 2007
Page 61 of 450
REJ09B0406-0110
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU03 bit in the PUR0 register to 1.
2.
N-channel open drain output by setting the NCH bit in the U0C0 register to 1.
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU03 bit in the PUR0 register to 1.
2.
Set the TOPCR bit in the TRAIOC register to 0 in modes except for pulse output mode.
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU03 bit in the PUR0 register to 1.
Table 7.16
Port P1_4/TXD0
Register
PD1
U0MR
Function
Bit
PD1_4
SMD2
SMD1
SMD0
Setting
value
0000
Input port(1)
1000
Output port
X
001
TXD0 output(2)
100
101
110
Table 7.17
Port P1_5/RXD0/(TRAIO)/(INT1)
Register
PD1
TRAIOC
TRAMR
INTEN
Function
Bit
PD1_5
TIOSEL
TOPCR(2)
TMOD2
TMOD1
TMOD0
INT1EN
Setting
value
0
0
X
X
XXX
Input port(1)
1
10010
1
00000
1
0
X
X
XXX
Output port
1
0000
X
0
0
X
X
XXX
RXD0 input(1)
1
0
Other than 001b
0
1
0
Other than 000b, 001b
0
TRAIO input(1)
1
00001
INT1
1
10011
1
0
Other than 000b, 001b
1
TRAIO input/INT1(1)
X
1
0001
X
TRAIO pulse output
Table 7.18
Port P1_6/CLK0
Register
PD1
U2MR
Function
Bit
PD1_6
SMD2
SMD1
SMD0
CKDIR
Setting
Value
0X
X
X
X
Input port(1)
1
Other than 001b
X
Output port
X
001
0
CLK0 output
0X
X
X
1
CLK0 input(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com