Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 79Page - Renesas Technology Corp R8C2K Datasheet HTML 80Page - Renesas Technology Corp R8C2K Datasheet HTML 81Page - Renesas Technology Corp R8C2K Datasheet HTML 82Page - Renesas Technology Corp R8C2K Datasheet HTML 83Page - Renesas Technology Corp R8C2K Datasheet HTML 84Page - Renesas Technology Corp R8C2K Datasheet HTML 85Page - Renesas Technology Corp R8C2K Datasheet HTML 86Page - Renesas Technology Corp R8C2K Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 471 page
background image
R8C/2K Group, R8C/2L Group
7. Programmable I/O Ports
Rev.1.10
Dec 21, 2007
Page 66 of 450
REJ09B0406-0110
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU11 bit in the PUR1 register to 1.
X: 0 or 1
Table 7.32
TRCIOD Pin Setting
Register
TRCOER
TRCMR
TRCIOR1
Function
Bit
EC
PWM2
PWMD
IOC2
IOC1
IOC0
Setting
value
0
1
1
X
X
X
PWM mode waveform output
01
00
01
Timer waveform output (output compare
function)
1X
0
10
1
XX
Timer mode (input capture function)
1X
X
Other than above
Other than TRCIOD usage conditions
Table 7.33
Port P4_2/VREF
Register
ADCON1
Function
Bit
VCUT
Setting
value
0
Input port
1
Input port/VREF input
Table 7.34
Port P4_5/INT0
Register
PD4
INTEN
Function
Bit
PD4_5
INT0EN
Setting
Value
00
Input port(1)
1
0
Output port
01
INT0 input(1)
Table 7.35
Port P4_6/XIN
Register
CM0
CM1
Circuit specifications
Function
Bit
CM5
CM13
CM11
CM10
Oscillation
buffer
Feedback
resistor
Setting
Value
10
X
0
OFF
−
Input port
0100
ON
ON
XIN clock oscillation (on-chip feedback resistor
enabled)
0110
ON
OFF
XIN clock oscillation (on-chip feedback resistor
disabled)
1100
OFF
ON
External clock input
1100
OFF
ON
XIN clock oscillation stop (on-chip feedback resistor
enabled)
1110
OFF
OFF
XIN clock oscillation stop (on-chip feedback resistor
disabled)
1111
OFF
OFF
XIN clock oscillation stop (stop mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com