Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 71Page - Renesas Technology Corp R8C2K Datasheet HTML 72Page - Renesas Technology Corp R8C2K Datasheet HTML 73Page - Renesas Technology Corp R8C2K Datasheet HTML 74Page - Renesas Technology Corp R8C2K Datasheet HTML 75Page - Renesas Technology Corp R8C2K Datasheet HTML 76Page - Renesas Technology Corp R8C2K Datasheet HTML 77Page - Renesas Technology Corp R8C2K Datasheet HTML 78Page - Renesas Technology Corp R8C2K Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 471 page
background image
R8C/2K Group, R8C/2L Group
7. Programmable I/O Ports
Rev.1.10
Dec 21, 2007
Page 58 of 450
REJ09B0406-0110
7.4
Port settings
Tables 7.4 to 7.36 list the port settings.
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU00 bit in the PUR0 register to 1.
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU00 bit in the PUR0 register to 1.
2.
N-channel open drain output by setting the NCH bit in the U2C0 register to 1.
3.
To use the UART2, set the PINSR1 register to “70h”.
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU00 bit in the PUR0 register to 1.
2.
To use the UART2, set the PINSR1 register to “70h”.
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU00 bit in the PUR0 register to 1.
2.
To use the UART2, set the PINSR1 register to “70h”.
Table 7.4
Port P0_0/AN7
Register
PD0
ADCON0
Function
Bit
PD0_0
CH2
CH1
CH0
ADGSEL0
Setting
Value
0
XXX
X
Input port(1)
1
X
X
X
X
Output port
0
1110
A/D converter input (AN7)
Table 7.5
Port P0_1/AN6/TXD2
Register
PD0
ADCON0
U2MR
Function
Bit
PD0_1
CH2
CH1
CH0
ADGSEL0
SMD2
SMD1
SMD0
Setting
Value
0
X
XX
XX
XX
Input port(1)
1
X
XX
XX
XX
Output port
XX
XX
X
0
0
1
TXD2 output(2, 3)
1
0
1
10
0
1
1
0
0
X
X
X
A/D converter input (AN6)
Table 7.6
Port P0_2/AN5/RXD2
Register
PD0
ADCON0
Function
Bit
PD0_2
CH2
CH1
CH0
ADGSEL0
Setting
Value
0
XXX
X
Input port(1)
1
X
X
X
X
Output port
0
1010
A/D converter input (AN5)
0
XXX
X
RXD2 output(2)
Table 7.7
Port P0_3/AN4/CLK2
Register
PD0
ADCON0
U2MR
Function
Bit
PD0_3
CH2
CH1
CH0
ADGSEL0
SMD2
SMD1
SMD0
CKDIR
Setting
Value
0
X
X
XXX
XXX
Input port(1)
1
X
X
X
X
Other than 001b
X
Output port
0
X
X
XXX
XX
1
CLK2 (external clock)
input(2)
XX
XX
X
0
0
1
0
CLK2 (internal clock)
output(2)
01
000
X
X
X
X
A/D converter input
(AN4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com