Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 85Page - Renesas Technology Corp R8C2K Datasheet HTML 86Page - Renesas Technology Corp R8C2K Datasheet HTML 87Page - Renesas Technology Corp R8C2K Datasheet HTML 88Page - Renesas Technology Corp R8C2K Datasheet HTML 89Page - Renesas Technology Corp R8C2K Datasheet HTML 90Page - Renesas Technology Corp R8C2K Datasheet HTML 91Page - Renesas Technology Corp R8C2K Datasheet HTML 92Page - Renesas Technology Corp R8C2K Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 471 page
background image
R8C/2K Group, R8C/2L Group
10. Clock Generation Circuit
Rev.1.10
Dec 21, 2007
Page 72 of 450
REJ09B0406-0110
Figure 10.1
Clock Generation Circuit
Oscillation
stop
detection
Divider
S Q
R
1/2
1/2
1/2
1/2
1/2
Pulse generation
circuit for clock
edge detection and
charge, discharge
control circuit
Charge,
discharge circuit
Oscillation stop detection
interrupt generation
circuit detection
S Q
R
FRA00
High-speed
on-chip oscillator
FRA01 = 1
FRA01 = 0
CM14
CPU clock
a
b
c
d
e
OCD2 = 0
OCD2 = 1
XIN clock
XOUT
CM13
CM05
XIN
CM02
WAIT instruction
RESET
CM10 = 1 (stop mode)
a
d
c
h
b
CM06 = 0
CM17 to CM16 = 11b
CM06 = 1
CM06 = 0
CM17 to
CM16 = 10b
CM06 = 0
CM17 to CM16 = 01b
CM06 = 0
CM17 to CM16 = 00b
Detail of divider
Oscillation Stop Detection Circuit
XIN clock
Forcible discharge when OCD0 = 0
Watchdog timer
interrupt
OCD1
OCD2 bit switch signal
CM14 bit switch signal
Oscillation stop detection,
Watchdog timer,
Voltage monitor 1 interrupt,
Voltage monitor 2 interrupt
CM02, CM04, CM05, CM06: Bits in CM0 register
CM10, CM13, CM14, CM16, CM17: Bits in CM1 register
OCD0, OCD1, OCD2: Bits in OCD register
FRA00, FRA01: Bits in FRA0 register
e
g
FRA2 register
fOCO
fOCO-S
g
f1
f2
f4
f8
f32
h
Voltage monitor 2
interrupt
System clock
Low-speed
on-chip oscillator
FRA1 register
Frequency adjustable
CM13
Divider
fOCO40M
On-chip oscillator
clock
fOCO-F
Power-on
reset circuit
Voltage
detection
circuit
Voltage monitor 1
interrupt
Divider
(1/128)
fOCO128
Power-on reset
Software reset
Interrupt request
fOCO
fOCO-F
fOCO-S
Peripheral
function
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com