Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 67Page - Renesas Technology Corp R8C2K Datasheet HTML 68Page - Renesas Technology Corp R8C2K Datasheet HTML 69Page - Renesas Technology Corp R8C2K Datasheet HTML 70Page - Renesas Technology Corp R8C2K Datasheet HTML 71Page - Renesas Technology Corp R8C2K Datasheet HTML 72Page - Renesas Technology Corp R8C2K Datasheet HTML 73Page - Renesas Technology Corp R8C2K Datasheet HTML 74Page - Renesas Technology Corp R8C2K Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 471 page
background image
R8C/2K Group, R8C/2L Group
7. Programmable I/O Ports
Rev.1.10
Dec 21, 2007
Page 54 of 450
REJ09B0406-0110
Figure 7.8
PDi (i = 0 to 4) Registers
Port Pi Direction Register (i = 0 to 4)
Symbol
Address
After Reset
PD0(1)
00E2h
00h
PD1
00E3h
00h
PD2
00E6h
00h
PD3(2)
00E7h
00h
PD4(3)
00EAh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3. Bits PD4_0 to PD4_4, PD4_6, and PD4_7 in the PD4 register are unavailable on this MCU.
If it is necessary to set bits PD4_0 to PD4_4, PD4_6, and PD4_7 in the PD4 register, set to 0 (input mode). When read,
the content is 0.
PDi_7
Port Pi_7 direction bit
RW
Write to the PD0 register w ith the next instruction after that used to set the PRC2 bit in the PRCR register to 1 (w rite
enabled).
Bits PD0_4, PD0_6, and PD0_7 in the PD0 register are unavailable on this MCU.
If it is necessary to set bits PD0_4, PD0_6, and PD0_7 in the PD0 register, set to 0 (input mode). When read, the
content is 0.
Bits PD3_0 to PD3_2, PD3_6, and PD3_7 in the PD3 register are unavailable on this MCU.
If it is necessary to set bits PD3_0 to PD3_2, PD3_6, and PD3_7 in the PD3 register, set to 0 (input mode). When read,
the content is 0.
b3 b2
PDi_2
b1 b0
PDi_1
PDi_0
b7 b6 b5 b4
PDi_3
Port Pi_3 direction bit
RW
RW
RW
0 : Input mode
(functions as an input port)
1 : Output mode
(functions as an output port)
RW
RW
Port Pi_6 direction bit
RW
Port Pi_1 direction bit
PDi_6
RW
Port Pi_4 direction bit
PDi_5
Port Pi_0 direction bit
Port Pi_2 direction bit
PDi_4
Port Pi_5 direction bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com