Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 58Page - Renesas Technology Corp R8C2K Datasheet HTML 59Page - Renesas Technology Corp R8C2K Datasheet HTML 60Page - Renesas Technology Corp R8C2K Datasheet HTML 61Page - Renesas Technology Corp R8C2K Datasheet HTML 62Page - Renesas Technology Corp R8C2K Datasheet HTML 63Page - Renesas Technology Corp R8C2K Datasheet HTML 64Page - Renesas Technology Corp R8C2K Datasheet HTML 65Page - Renesas Technology Corp R8C2K Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 471 page
background image
R8C/2K Group, R8C/2L Group
7. Programmable I/O Ports
Rev.1.10
Dec 21, 2007
Page 45 of 450
REJ09B0406-0110
7.
Programmable I/O Ports
There are 25 programmable Input/Output ports (I/O ports) P0_0 to P0_3, P0_5, P1, P2, P3_3 to P3_5, P4_5. Also, if
the XIN clock oscillation circuit is not used, P4_6 and P4_7 can be used as input-only ports. If the A/D converter is not
used, P4_2 can be used as an input-only port.
Table 7.1 lists an Overview of Programmable I/O Ports.
NOTES:
1. In input mode, whether an internal pull-up resistor is connected or not can be selected by registers
PUR0, and PUR1.
2. When the XIN clock oscillation circuit is not used, these ports can be used as the input-only ports.
7.1
Functions of Programmable I/O Ports
The PDi_j (j = 0 to 7) bit in the PDi (i = 0 to 4) register controls I/O of the ports P0_0 to P0_3, P0_5, P1, P2, P3_3
to P3_5, P4_5. The Pi register consists of a port latch to hold output data and a circuit to read pin states.
Figures 7.1 to 7.6 show the Configurations of Programmable I/O Ports. Table 7.2 lists the Functions of
Programmable I/O Ports. Also, Figure 7.8 shows the PDi (i = 0 to 4) Registers. Figure 7.9 shows the Pi (i = 0 to 4)
Registers, Figure 7.10 shows the P2DRR Register, Figure 7.11 shows Registers PINSR1, PINSR2, PINSR3, and
PMR, Figure 7.12 shows Registers PUR0, and PUR1.
i = 0 to 4, j = 0 to 7
NOTE:
1. Nothing is assigned to the following bits:
PD0_4, PD0_6, PD0_7, PD3_0 to PD3_2, PD3_6, PD3_7, PD4_0 to PD4_4, PD4_6, PD4_7
Table 7.1
Overview of Programmable I/O Ports
Ports
I/O
Type of Output
I/O Setting
Internal Pull-Up Resister
P0_0 to P0_3, P1, P2
I/O
CMOS3 State
Set per bit
Set every 4 bits(1)
P3_4, P3_5
I/O
CMOS3 State
Set per bit
Set every 2 bits(1)
P0_5, P3_3, P4_5
I/O
CMOS3 State
Set per bit
Set every bit(1)
P4_2, P4_6(2), P4_7(2)
I
(No output function)
None
None
Table 7.2
Functions of Programmable I/O Ports
Operation When
Accessing
Pi Register
Value of PDi_j Bit in PDi Register(1)
When PDi_j Bit is Set to 0 (Input Mode)
When PDi_j Bit is Set to 1 (Output Mode)
Reading
Read pin input level
Read the port latch
Writing
Write to the port latch
Write to the port latch. The value written to
the port latch is output from the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com