Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 88Page - Renesas Technology Corp R8C2K Datasheet HTML 89Page - Renesas Technology Corp R8C2K Datasheet HTML 90Page - Renesas Technology Corp R8C2K Datasheet HTML 91Page - Renesas Technology Corp R8C2K Datasheet HTML 92Page - Renesas Technology Corp R8C2K Datasheet HTML 93Page - Renesas Technology Corp R8C2K Datasheet HTML 94Page - Renesas Technology Corp R8C2K Datasheet HTML 95Page - Renesas Technology Corp R8C2K Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 471 page
background image
R8C/2K Group, R8C/2L Group
10. Clock Generation Circuit
Rev.1.10
Dec 21, 2007
Page 75 of 450
REJ09B0406-0110
Figure 10.4
CM1 Register
System Clock Control Register 1
(1)
Symbol
Address
After Reset
CM1
0007h
00100000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
9.
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the CM1 register.
b7 b6 b5 b4 b3 b2 b1 b0
0
CM10
All clock stop control bit(2, 3, 4)
0 : Clock operates
1 : Stops all clocks (stop mode)
RW
CM11
XIN-XOUT on-chip feedback resistor
select bit
0 : On-chip feedback resistor enabled
1 : On-chip feedback resistor disabled
RW
—
(b2)
Reserved bit
Set to 0.
RW
CM13
Port XIN-XOUT sw itch bit(3, 5)
0 : Input ports P4_6, P4_7
1 : XIN-XOUT pin
RW
CM14
Low -speed on-chip oscillation stop
bit(4, 6, 7)
0 : Low -speed on-chip oscillator on
1 : Low -speed on-chip oscillator off
RW
CM15
XIN-XOUT drive capacity select bit(8)
0 : Low
1 : High
RW
CM17
RW
b7 b6
0 0 : No division mode
0 1 : Divide-by-2 mode
1 0 : Divide-by-4 mode
1 1 : Divide-by-16 mode
System clock division select bits 1(9)
CM16
RW
When the CM10 bit is set to 1 (stop mode) and the CM13 bit is set to 1 (XIN-XOUT pin), the XOUT (P4_7) pin goes “H”.
When the CM13 bit is set to 0 (input ports, P4_6, P4_7), P4_7 (XOUT) enters input mode.
In count source protect mode (Refer to 15.2 Count Source Protection Mode Enabled), the value remains
unchanged even if bits CM10 and CM14 are set.
When the CM06 bit is set to 0 (bits CM16, CM17 enabled), bits CM16 to CM17 are enabled.
If the CM10 bit is set to 1 (stop mode), the on-chip feedback resistor is disabled.
When the OCD2 bit is set to 0 (XIN clock selected), the CM14 bit is set to 1 (low -speed on-chip oscillator stopped).
When the OCD2 bit is set to 1 (on-chip oscillator clock selected), the CM14 bit is set to 0 (low -speed on-chip
oscillator on). It remains unchanged even if 1 is w ritten to it.
When using the voltage monitor 1 interrupt or voltage monitor 2 interrupt (w hen using the digital filter), set the CM14
bit to 0 (low -speed on-chip oscillator on).
Once the CM13 bit is set to 1 by a program, it cannot be set to 0.
When entering stop mode, the CM15 bit is set to 1 (drive capacity high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com