Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 143Page - Renesas Technology Corp R8C2K Datasheet HTML 144Page - Renesas Technology Corp R8C2K Datasheet HTML 145Page - Renesas Technology Corp R8C2K Datasheet HTML 146Page - Renesas Technology Corp R8C2K Datasheet HTML 147Page - Renesas Technology Corp R8C2K Datasheet HTML 148Page - Renesas Technology Corp R8C2K Datasheet HTML 149Page - Renesas Technology Corp R8C2K Datasheet HTML 150Page - Renesas Technology Corp R8C2K Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 471 page
background image
R8C/2K Group, R8C/2L Group
15. Watchdog Timer
Rev.1.10
Dec 21, 2007
Page 130 of 450
REJ09B0406-0110
Figure 15.2
Registers WDTR, WDTS, and WDC
Watchdog Timer Control Register
Symbol
Address
After Reset
WDC
000Fh
00X11111b
Bit Symbol
Bit Name
Function
RW
Reserved bit
Set to 0. When read, the content is undefined.
RO
WDC7
—
(b6)
Reserved bit
Set to 0.
Prescaler select bit
0 : Divide-by-16
1 : Divide-by-128
b7 b6 b5 b4
00
RW
High-order bits of w atchdog timer
—
(b4-b0)
RW
—
(b5)
RW
b3 b2 b1 b0
Watchdog Timer Reset Register
Symbol
Address
After Reset
WDTR
000Dh
Undefined
RW
NOTES:
1.
2.
When 00h is w ritten before w riting FFh, the w atchdog timer is reset.(1)
The default value of the w atchdog timer is 7FFFh w hen count source protection
mode is disabled and 0FFFh w hen count source protection mode is enabled.(2)
Function
Do not generate an interrupt betw een w hen 00h and FFh are w ritten.
When the CSPRO bit in the CSPR register is set to 1 (count source protection mode enabled),
0FFFh is set in the w atchdog timer.
WO
b7
b0
Watchdog Timer Start Register
Symbol
Address
After Reset
WDTS
000Eh
Undefined
RW
b0
b7
WO
Function
The w atchdog timer starts counting after a w rite instruction to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com