Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 165Page - Renesas Technology Corp R8C2K Datasheet HTML 166Page - Renesas Technology Corp R8C2K Datasheet HTML 167Page - Renesas Technology Corp R8C2K Datasheet HTML 168Page - Renesas Technology Corp R8C2K Datasheet HTML 169Page - Renesas Technology Corp R8C2K Datasheet HTML 170Page - Renesas Technology Corp R8C2K Datasheet HTML 171Page - Renesas Technology Corp R8C2K Datasheet HTML 172Page - Renesas Technology Corp R8C2K Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 152 of 450
REJ09B0406-0110
16.2
Timer RB
Timer RB is an 8-bit timer with an 8-bit prescaler.
The prescaler and timer each consist of a reload register and counter (refer to Tables 16.7 to 16.10 the
Specifications of Each Mode).
Timer RB has timer RB primary and timer RB secondary as reload registers.
The count source for timer RB is the operating clock that regulates the timing of timer operations such as counting
and reloading.
Figure 16.12 shows a Block Diagram of Timer RB. Figures 16.13 to 16.16 show the registers associated with timer
RB.
Timer RB has four operation modes listed as follows:
• Timer mode:
The timer counts an internal count source (peripheral
function clock or timer RA underflows).
• Programmable waveform generation mode:
The timer outputs pulses of a given width successively.
• Programmable one-shot generation mode:
The timer outputs a one-shot pulse.
• Programmable wait one-shot generation mode:
The timer outputs a delayed one-shot pulse.
Figure 16.12
Block Diagram of Timer RB
INT0PL bit
= 00b
= 01b
= 11b
f8
f1
= 10b
Timer RA underflow
TCK1 to TCK0 bits
TSTRAT bit
TRBPRE register
(prescaler)
Timer RB interrupt
INT0 interrupt
TCSTF bit
Toggle
flip-flop
Q
Q
CLR
CK
TOPL = 1
TOPL = 0
P3_1 bit in P3 register
f2
TMOD1 to TMOD0 bits
= 10b or 11b
TOSSTF bit
Polarity
select
INOSEG bit
Input polarity
selected to be one
edge or both edges
Digital filter
INT0 pin
INT0EN bit
TMOD1 to TMOD0 bits
= 01b, 10b, 11b
Counter
Reload
register
Counter (timer RB)
Reload
register
TRBPR
register
Data bus
TRBSC
register
Reload
register
TCKCUT bit
INOSTG bit
TSTART, TCSTF: Bits in TRBCR register
TOSSTF: Bit in TRBOCR register
TOPL, TOCNT, INOSTG, INOSEG: Bits in TRBIOC register
TMOD1 to TMOD0, TCK1 to TCK0, TCKCUT: Bits in TRBMR register
(Timer)
TOCNT = 0
TOCNT = 1
TMOD1 to TMOD0 bits
= 01b, 10b, 11b
TRBO pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com