Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 343Page - Renesas Technology Corp M32C/86T Datasheet HTML 344Page - Renesas Technology Corp M32C/86T Datasheet HTML 345Page - Renesas Technology Corp M32C/86T Datasheet HTML 346Page - Renesas Technology Corp M32C/86T Datasheet HTML 347Page - Renesas Technology Corp M32C/86T Datasheet HTML 348Page - Renesas Technology Corp M32C/86T Datasheet HTML 349Page - Renesas Technology Corp M32C/86T Datasheet HTML 350Page - Renesas Technology Corp M32C/86T Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 505 page
background image
Page 324
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.1.4.3 RECSUCC Bit
The RECSUCC bit is set to "1" when the CAN module has received data as expected. (Whether
received message has been stored in the message slot or not is irrelevant.) If the received message
is transmitted in loopback mode, the TRMSUCC bit is set to "1" and the RECSUCC bit is set to "0".
The RECSUCC bit is set to "0" when the CAN module has transmitted data as expected.
23.1.4.4 TRMSTATE Bit
The TRMSTATE bit is set to "1" when the CAN module is performing as a transmit node.
The TRMSTATE bit is set to "0" when the CAN module is in a bus-idle state or starts performing as a
receive node.
23.1.4.5 RECSTATE Bit
The RECSTATE bit is set to "1" when the CAN module is performing as a receive node.
The RECSTATE bit is set to "0" when the CAN module is in a bus-idle state or starts performing as a
transmit node.
23.1.4.6 STATE_RESET Bit
After both RESET1 and RESET0 bits are set to "1" (CAN module reset), the STATE_RESET bit is set
to "1" as soon as the CAN module is initialized.
The STATE_RESET bit is set to "0" when the RESET1 and RESET0 bits are set to "0".
23.1.4.7 STATE_LOOPBACK Bit
The STATE_ LOOPBACK bit is set to "1" when the CAN module is in loopback mode.
The STATE_LOOPBACK bit is set to "1" when the LOOPBACK bit in the CiCTLR0 register is set to "1"
(loop back function enabled).
The STATE_LOOPBACK bit is set to "0" when the LOOPBACK bit is set to "0" (loop back function
disabled).
23.1.4.8 STATE_BASICCAN Bit
The STATE_BASICCAN bit is set to "1" when the CAN module is in BasicCAN mode.
Refer to 23.1.1.3 BASICCAN bit for BasicCAN mode.
The STATE_BASICCAN bit is set to "0" when the BASICCAN bit is set to "0" (BasicCAN mode
function disabled).
The STATE_BASICCAN bit is set to "1" when the BASICCAN bit is set to "1" (BasicCAN mode
function enabled), the REMACTIVE bits in the CiMCTL14 and CiMCTL15 registers in the message
slots 14 and 15 are set to "0" (data frame received).
23.1.4.9 STATE_BUSERROR Bit
The STATE_BUSERROR bit is set to "1" when an CAN communication error is detected.
The STATE_BUSERROR bit is set to "0" when the CAN module has transmitted or received data as
expected. Whether a received message has been stored into the message slot or not is irrelevant.
NOTES:
1. When the STATE_BUSERROR bit is set to "1", the STATE_BUSERROR bit remains un-
changed even if both RESET1 and RESET0 bits are set to "1" (CAN module reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com