Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 344 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 340Page - Renesas Technology Corp M32C/86T Datasheet HTML 341Page - Renesas Technology Corp M32C/86T Datasheet HTML 342Page - Renesas Technology Corp M32C/86T Datasheet HTML 343Page - Renesas Technology Corp M32C/86T Datasheet HTML 344Page - Renesas Technology Corp M32C/86T Datasheet HTML 345Page - Renesas Technology Corp M32C/86T Datasheet HTML 346Page - Renesas Technology Corp M32C/86T Datasheet HTML 347Page - Renesas Technology Corp M32C/86T Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 505 page
background image
Page 321
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
BANKSEL
(b1 - b0)
(b2)
(b5 - b4)
(b7)
CANi Control Register 1 (i=0, 1)
Symbol
Address
After Reset(1)
C0CTLR1
024116
X000 00XX2
C1CTLR1
025116
X000 00XX2
RW
CANi Bank Switch Bit
0: Selects the message slot control
register and single-shot register
1: Selects the mask register
Bit Name
Function
Bit
Symbol
Reserved Bit
Set to "0"
Reserved Bit
Set to "0"
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
RW
INTSEL
CANi Interrupt Mode
Select Bit
0: Outputs 3 types of interrupts via OR
1: Outputs 3 types of interrupts separately
RW
RW
NOTES:
1. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
23.1.2 CANi Control Register 1 (CiCTLR1 Register) (i=0, 1)
Figure 23.4 C0CTLR1 and C1CTLR1 Registers
23.1.2.1 BANKSEL Bit
The BANKSEL bit in the C0CTLR1 register selects the registers allocated to addresses 022016 to
023F16. The BANKSEL bit in the C1CTLR1 register selects registers allocated to addresses 02A016
to 02BF16.
The CiSSCTLR register, CiSSSTR register and the CiMCTL0 to CiMCTL15 registers can be ac-
cessed by setting the BANKSEL bit to "0". The CiGMR0 to CiGMR4 registers, CiLMAR0 to CiLMAR4
registers and CiLMBR0 to CiLMBR4 registers can be accessed by setting the BANKSEL bit to "1".
23.1.2.2 INTSEL Bit
The INTSEL bit determines whether the three types of interrupt outputs (CANi transmit interrupt,
CANi receive interrupt and CANi error interrupt) are provided via OR or is separately.
Refer to 23.4 CAN Interrupts for details.
NOTES:
1. Change the INTSEL bit setting when the STATE_RESET bit is set to "1" (CAN module reset
completed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com