Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 336Page - Renesas Technology Corp M32C/86T Datasheet HTML 337Page - Renesas Technology Corp M32C/86T Datasheet HTML 338Page - Renesas Technology Corp M32C/86T Datasheet HTML 339Page - Renesas Technology Corp M32C/86T Datasheet HTML 340Page - Renesas Technology Corp M32C/86T Datasheet HTML 341Page - Renesas Technology Corp M32C/86T Datasheet HTML 342Page - Renesas Technology Corp M32C/86T Datasheet HTML 343Page - Renesas Technology Corp M32C/86T Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 505 page
background image
Page 317
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
t
r
o
Pn
o
i
t
c
n
u
F
g
n
i
t
t
e
S
d
n
a
t
i
B
A
S
P
I
,
S
P
I
s
r
e
t
s
i
g
e
R
3
S
P
,
2
S
P
,
1
S
P
s
r
e
t
s
i
g
e
R
)
1
(
,
2
L
S
P
,
1
L
S
P
s
r
e
t
s
i
g
e
R
3
L
S
P
3
C
S
P
,
2
C
S
P
,
C
S
P
s
r
e
t
s
i
g
e
R
9
D
P
,
8
D
P
,
7
D
P
)
1
(
s
r
e
t
i
s
g
e
R
7
P 6
0
N
A
C
T
U
O
−
1
=
6
_
1
S
P0
=
6
_
1
L
S
P1
=
6
_
C
S
P
−
7
P 7
0
N
A
C
N
I
0
=
3
S
P
I0
=
7
_
1
S
P
−−
0
=
7
_
7
D
P
8
P 2
0
N
A
C
T
U
O
−
1
=
2
_
2
S
P1
=
2
_
2
L
S
P0
=
2
_
2
C
S
P
−
1
N
A
C
T
U
O
−
1
=
2
_
2
S
P1
=
2
_
2
L
S
P1
=
2
_
2
C
S
P
−
8
P 3
0
N
A
C
N
I
1
=
3
S
P
I
−−−
0
=
3
_
8
D
P
1
N
A
C
N
I
1
=
3
_
A
S
P
I
−−−
0
=
3
_
8
D
P
9
P 5
1
N
A
C
N
I
0
=
3
_
A
S
P
I0
=
5
_
3
S
P0
=
5
_
3
L
S
P
−
0
=
5
_
9
D
P
9
P 6
1
N
A
C
T
U
O
−
1
=
6
_
3
S
P
−
1
=
6
_
3
C
S
P
−
Table 23.2 Pin Settings
NOTES:
1. Set the PD9 and PS3 registers immediately after the PRC2 bit in the PRCR register is set to "1" (write
enable). Do not generate an interrupt or a DMA transfer between the instruction to set to the PRC2 bit
to "1" and the instruction to set the PD9 and PS3 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com