Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 332Page - Renesas Technology Corp M32C/86T Datasheet HTML 333Page - Renesas Technology Corp M32C/86T Datasheet HTML 334Page - Renesas Technology Corp M32C/86T Datasheet HTML 335Page - Renesas Technology Corp M32C/86T Datasheet HTML 336Page - Renesas Technology Corp M32C/86T Datasheet HTML 337Page - Renesas Technology Corp M32C/86T Datasheet HTML 338Page - Renesas Technology Corp M32C/86T Datasheet HTML 339Page - Renesas Technology Corp M32C/86T Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 505 page
background image
22. Intelligent I/O (Stepping Moter Control Function)
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
Page 313
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 22.26 Stepping Motor Control Function-associated Register Settings
Register
Bit
Function
G1BCR0
BCK1, BCK0
Set to "112" (f1)
DIV4 to DIV0
Select divide ratio of count source
IT
Set to "0"
G1BCR1
-
Set to "0001 00002"
G1POCRj
MOD2 to MOD0
Set to "0002"
IVL
Set to "0"
RLD
Set to "1"
INV
Select output inversed or not inversed
G1PO0j
-
Select when the PWM output waveform is inversed
G1FS
FSCj
Set to "0"
G1FE(1)
IFEj
Set to "1"
OPS
OPSj
Set to "1" when the PWM waveform output is selected
i=0 to 7
Table 22.27 Pin Settings
Pins
Settings
PS6 and PS7 Registers
PSL6 and PSL7 Registers
P120/GASP0
PS6_0 = 1
PSL6_0 = 1
P121/GASM0
PS6_1 = 1
PSL6_1 = 1
P122/GACP0
PS6_1 = 1
PSL6_2 = 1
P123/GACM0
PS6_3 = 1
PSL6_3 = 1
P124/GASP1
PS6_4 = 1
PSL6_4 = 1
P125/GASP1
PS6_5 = 1
PSL6_5 = 1
P126/GACP1
PS6_6 = 1
PSL6_6 = 1
P127/GACM1
PS6_7 = 1
PSL6_7 = 1
P130/GASP2
PS7_0 = 1
PSL7_0 = 1
P131/GASM2
PS7_1 = 1
PSL7_1 = 1
P132/GACP2
PS7_2 = 1
PSL7_2 = 1
P133/GACM2
PS7_3 = 1
PSL7_3 = 1
P134/GASP3
PS7_4 = 1
PSL7_4 = 1
P135/GASM3
PS7_5 = 1
PSL7_5 = 1
P136/GACP3
PS7_6 = 1
PSL7_6 = 1
P137/GACM3
PS7_7 = 1
PSL7_7 = 1
Table 22.28 Count Source and PWM Output Frequency
f(XIN)
DIV4 to DIV0 Bits
Count Source (ns)
Frequency (kHz)
Cycles (
µs)
in the G1BCR0 Register
30MHz
111112 (no division)
33.3
29.2
34.2
000002 (divide-by-2)
66.7
14.6
68.4
20MHz
111112 (no division)
50
19.5
51.3
000002 (divide-by-2)
100
9.7
102.6
16MHz
111112 (no division)
62.5
15.6
64.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com