Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 330Page - Renesas Technology Corp M32C/86T Datasheet HTML 331Page - Renesas Technology Corp M32C/86T Datasheet HTML 332Page - Renesas Technology Corp M32C/86T Datasheet HTML 333Page - Renesas Technology Corp M32C/86T Datasheet HTML 334Page - Renesas Technology Corp M32C/86T Datasheet HTML 335Page - Renesas Technology Corp M32C/86T Datasheet HTML 336Page - Renesas Technology Corp M32C/86T Datasheet HTML 337Page - Renesas Technology Corp M32C/86T Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 505 page
background image
22. Intelligent I/O (Stepping Moter Control Function)
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
Page 311
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.35 OPS Register
Output Port Switch Register
Symbol
Address
After Reset
OPS
03DE16
0000 00002
0: PWM generated in channel 0 is output to GASP0
1: Output to GASM0
0: PWM generated in channel 1 is output to GACP0
1: Output to GACM0
0: PWM generated in channel 2 is output to GASP1
1: Output to GASM1
0: PWM generated in channel 3 is output to GACP1
1: Output to GACM1
0: PWM generated in channel 4 is output to GASP2
1: Output to GASM2
0: PWM generated in channel 5 is output to GACP2
1: Output to GACM2
0: PWM generated in channel 6 is output to GASP3
1: Output to GASM3
0: PWM generated in channel 7 is output to GACP3
1: Output to GACM3
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit
Symbol
Bit Name
b7
b6
b5
b4
b3
b2
b1
b0
OPS0
Port Switch Bit 1
Port Switch Bit 0
Port Switch Bit 3
Port Switch Bit 2
Port Switch Bit 5
Port Switch Bit 4
Port Switch Bit 7
Port Switch Bit 6
OPS1
OPS2
OPS3
OPS4
OPS5
OPS6
OPS7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com