Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 327Page - Renesas Technology Corp M32C/86T Datasheet HTML 328Page - Renesas Technology Corp M32C/86T Datasheet HTML 329Page - Renesas Technology Corp M32C/86T Datasheet HTML 330Page - Renesas Technology Corp M32C/86T Datasheet HTML 331Page - Renesas Technology Corp M32C/86T Datasheet HTML 332Page - Renesas Technology Corp M32C/86T Datasheet HTML 333Page - Renesas Technology Corp M32C/86T Datasheet HTML 334Page - Renesas Technology Corp M32C/86T Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 505 page
background image
Page 308
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 22.28 Register Settings in HDLC Processing Mode (Communication Units 0 and 1)
Register
Bit
Function
G1BCR0
BCK1, BCK0
Select count source
DIV4 to DIV0
Select divide ratio of count source
IT
Select the base timer interrupt
G1BCR1(1)
7 to 0
Set to "0001 00102"
G1POCR0(1)
7 to 0
Set to "0000 00002"
G1POCR1(1)
7 to 0
Set to "0000 00002"
G1PO0(1)
15 to 0
Set bit rate
G1PO1(1)
15 to 0
Set the timing of the rising edge of the transfer clock.
Timing of the falling edge ("H" width of the transfer clock) is fixed.
Setting value of the G1PO1 register
≤ Setting value of the G1PO0 register
G1FS(1)
FSC1, FSC0
Set to "002"
G1FE(1)
IFE1, IFE0
Set to "112"
GiMR
GMD1, GMD0
Set to "112"
CKDIR
Set to "0"
UFORM
Set to "0"
IRS
Select what causes the transmit interrupt to be generated
GiEMR
7 to 0
Set to "1111 01102"
GiCR
TI
Transmit buffer empty flag
TXEPT
Transmit register empty flag
RI
Receive complete flag
TE
Transmit enable bit
RE
Receive enable bit
GiETC
SOF
Set to "0"
TCRCE
Select whether transmit CRC is used or not
ABTE
Set to "0"
TBSF1, TBSF0
Transmit bit stuffing
GiERC
CMP2E to CMP0E Select whether received data is compared or not
CMP3E
Set to "1"
RCRCE
Select whether receive CRC is used or not
RSHTE
Set to "1" to use it in the receiver
RBSF1, RBSF0
Receive bit stuffing
GiIRF
BSERR, ABT
Set to "0"
IRF3 to IRF0
Select what causes an interrupt to be generated
GiCMP0,
7 to 0
Write "FE16" to abort processing
GiCMP1
GiCMP2
7 to 0
Data to be compared
GiCMP3
7 to 0
Write "7E16"
GiMSK0,
7 to 0
Write "0116" to abort processing
GiMSK1
GiTCRC
15 to 0
Transmit CRC calculation result can be read
GiRCRC
15 to 0
Receive CRC calculation result can be read
GiTO
7 to 0
Data, which is output from a transmit data generation circuit, can be read
GiRI
7 to 0
Set data input to a receive data generation circuit
GiRB
7 to 0
Received data is stored
GiTB
7 to 0
For transmission: write data to be transmitted
For reception
: received data for comparison is stored
CCS
CCS1, CCS0
Select the HDLC processing clock
CCS3, CCS2
Select the HDLC processing clock
i=0, 1
NOTES:
1. These register settings are required when the CCS3 and CCS2 bit in the CCS register are set to "002"
(clock output from channel j (j=1 to 3)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com