Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 323Page - Renesas Technology Corp M32C/86T Datasheet HTML 324Page - Renesas Technology Corp M32C/86T Datasheet HTML 325Page - Renesas Technology Corp M32C/86T Datasheet HTML 326Page - Renesas Technology Corp M32C/86T Datasheet HTML 327Page - Renesas Technology Corp M32C/86T Datasheet HTML 328Page - Renesas Technology Corp M32C/86T Datasheet HTML 329Page - Renesas Technology Corp M32C/86T Datasheet HTML 330Page - Renesas Technology Corp M32C/86T Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 505 page
background image
Page 304
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 22.21 Clock Settings (Communication Unit 1)
Transfer Clock(3)
G1MR Register
CCS Register
CKDIR Bit
CCS2 Bit
CCS3 Bit
fBT1
00
0
2(
n+2)
n: Setting value of the G1PO0 register 000116 to FFFD16
NOTES:
1. Transmit clock is generated in phase-delayed waveform output mode of the channel 3 waveform
generating function.
2. Received clock is generated when phase-delayed waveform mode of the channel 2 waveform gener-
ating function and the channel 2 time measurement function is simultaneously performed.
3. The transfer clock must be fBT1 divided by six or more.
Table 22.22 Register Settings in UART Mode (Communication Unit 1)
Register
Bit
Function
G1BCR0
BCK1, BCK0
Set to "112" (f1)
DIV4 to DIV0
Select divide ratio of count source
IT
Set to "0"
G1BCR1
7 to 0
Set to "0001 00102"
G1POCR0
7 to 0
Set to "0000 01112"
G1POCR2
7 to 0
Set to "0000 01102"
G1POCR3
7 to 0
Set to "0000 00102"
G1TMCR2
7 to 0
Set to "0000 00102"
G1PO0
15 to 0
Set bit rate
= transfer clock frequency
G1PO3
15 to 0
Set to a value smaller than the G1PO0 register
G1FS
FSC3 to FSC0
Set to "01002"
G1FE
IFE3 to IFE0
Set to "11012"
G1MR
GMD1, GMD0
Set to "002"
CKDIR
Set to "0"
STPS
Select stop bit length
PRY, PRYE
Select either parity enabled or disabled and either odd parity or even parity
UFORM
Select either the LSB first or MSB first
IRS
Select what causes the receive interrupt to be generated
G1CR
TI
Transmit buffer empty flag
TXEPT
Transmit register empty flag
RI
Receive complete flag
TE
Set to "1" to enable transmission and reception
RE
Set to "1" to enable reception
IPOL
Set to "1"
OPOL
Set to "1"
G1TB
7 to 0
Write data to be transmitted
G1RB
15 to 0
Received data and error flag are stored
CCS
CCS3, CCS2
Set to "002"
Table 22.23 Pin Settings in UART Mode
Port
Function
Setting
Register(1)
Name
PS1 Register PSL1 Register PSC Register PD7 Register IPS Register
P73
ISTxD1 output
PS1_3 = 1
PSL1_3 = 0
PSC_3 = 1
-
-
G1POCR0
P75
ISRxD1 input
PS1_5 = 0
-
-
PD7_5 = 0
IPS1 = 0
-
NOTES:
1. Set the MOD2 to MOD0 bits in the corresponding register to "1112" (output from communication
function used).
fBT1
2 x (setting value + 2)
(1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com