Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 320Page - Renesas Technology Corp M32C/86T Datasheet HTML 321Page - Renesas Technology Corp M32C/86T Datasheet HTML 322Page - Renesas Technology Corp M32C/86T Datasheet HTML 323Page - Renesas Technology Corp M32C/86T Datasheet HTML 324Page - Renesas Technology Corp M32C/86T Datasheet HTML 325Page - Renesas Technology Corp M32C/86T Datasheet HTML 326Page - Renesas Technology Corp M32C/86T Datasheet HTML 327Page - Renesas Technology Corp M32C/86T Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 505 page
background image
Page 301
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 22.16 Pin Settings in Clock Synchronous Serial I/O Mode (Communication Units 0 and 1)(1)
NOTES:
1. Set the MOD2 to MOD0 bits in the corresponding register to "1112" (output from the communication
function used).
Table 22.17 Pin Settings (2)
Port
Function
Setting
Name
PS2 Register PD8 Register
IPS Register
P80
ISRxD0 input
PS2_0 = 0
PD8_0 = 0
IPS0 = 0
Table 22.18 Pin Settings (3)
Port
Function
Setting
Register(1)
Name
PS5 Register PD11 Register IPS Register
P110
ISTxD1 output
PS5_0 = 1
-
-
G1POCR0
P111
ISCLK1 input
PS5_1 = 0
PD11_1 = 0
IPS1 = 1
-
ISCLK1 output
PS5_1 = 1
-
-
G1POCR1
P112
ISRxD1 input
PS5_2 = 0
PD11_2 = 0
IPS1 = 1
-
NOTES:
1. Set the MOD2 to MOD0 bits in the corresponding register to "1112" (output from communication
function used).
Table 22.19 Pin Settings (4)
Port
Function
Setting
Name
PS9 Register PD15 Register IPS Register
P150
ISTxD0 output
PS9_0 = 1
-
-
P151
ISCLK0 input
PS9_1 = 0
PD15_2 = 0
IPS0 = 1
ISCLK0 output
PS9_1 = 1
-
-
P152
ISRxD0 input
-
PD15_2 = 0
IPS0 = 1
t
r
o
P
e
m
a
N
n
o
i
t
c
n
u
F
g
n
i
t
t
e
S
r
e
t
s
i
g
e
R
)
1
(
1
S
P
r
e
t
s
i
g
e
R
1
L
S
P
r
e
t
s
i
g
e
R
C
S
P
r
e
t
s
i
g
e
R
1
D
S
P
r
e
t
s
i
g
e
R
7
D
P
r
e
t
s
i
g
e
R
S
P
I
r
e
t
s
i
g
e
R
7
P 3
t
u
p
t
u
O
1
D
x
T
S
I1
=
3
_
1
S
P0
=
3
_
1
L
S
P1
=
3
_
C
S
P-
-
-
0
R
C
O
P
1
G
7
P 4
t
u
p
n
I
1
K
L
C
S
I0
=
4
_
1
S
P-
-
-
0
=
4
_
7
D
P0
=
1
S
P
I-
t
u
p
t
u
O
1
K
L
C
S
I1
=
4
_
1
S
P0
=
4
_
1
L
S
P1
=
4
_
C
S
P-
-
-
1
R
C
O
P
1
G
7
P 5
t
u
p
n
I
1
D
x
R
S
I0
=
5
_
1
S
P-
-
-
0
=
5
_
7
D
P0
=
1
S
P
I-
7
p 6
t
u
p
t
u
O
0
D
x
T
S
I1
=
6
_
1
S
P0
=
6
_
1
L
S
P0
=
6
_
C
S
P0
=
6
_
1
D
S
P-
-
-
7
p 7
t
u
p
n
I
0
K
L
C
S
I0
=
7
_
1
S
P-
-
-
0
=
7
_
7
D
P0
=
0
S
P
I-
t
u
p
t
u
O
0
K
L
C
S
I1
=
7
_
1
S
P0
=
7
_
1
L
S
P-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com