Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 322Page - Renesas Technology Corp M32C/86T Datasheet HTML 323Page - Renesas Technology Corp M32C/86T Datasheet HTML 324Page - Renesas Technology Corp M32C/86T Datasheet HTML 325Page - Renesas Technology Corp M32C/86T Datasheet HTML 326Page - Renesas Technology Corp M32C/86T Datasheet HTML 327Page - Renesas Technology Corp M32C/86T Datasheet HTML 328Page - Renesas Technology Corp M32C/86T Datasheet HTML 329Page - Renesas Technology Corp M32C/86T Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 505 page
background image
Page 303
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
22.4.2 Clock Asynchronous Serial I/O (UART) Mode (Communication Unit 1)
In clock asynchronous serial I/O (UART) mode, data is transmitted at a desired bit rate and in a desired
transfer data format. Table 22.20 lists specifications of UART mode in the communication unit 1. Table
22.21 lists clock settings. Table 22.22 lists register settings. Tables 22.23 and 22.24 list pin settings.
Figure 22.30 shows an example of transmit operation. Figure 22.31 shows an example of receive opera-
tion.
Table 22.20 UART Mode Specifications (Communication Unit 1)
Item
Specification
Transfer Data Format
• Character bit (transfer data) :
8 bits long
• Start bit :
1 bit long
• Parity bit:
selected from odd, even, or none
• Stop bit :
selected length from 1 bit or 2 bits
Transfer Clock(1)
See Table 22.21
Transmit Start Condition
Set registers associated with the waveform generating function, the G1MR and G1ERC
registers. Then, set as is written below after at least one transfer clock cycle:
• Set the TE bit in the G1CR register to "1" (transmit enable)
• Set the TI bit in the G1CR register to "0" (data written to the G1TB register)
Receive Start Condition
Set registers associated with the waveform generating function, the G1MR and G1ERC
registers. Then, set as is written below after at least one transfer clock cycle:
• Set the RE bit in the G1CR register to "1" (receive enable)
• Detect the start bit
Interrupt Request
• While transmitting, one of the following conditions can be selected to set the
SIO1TR bit to "1" (interrupt requested) (See Figure 11.14.) :
_ The IRS bit in the G1MR register is set to "0" (no data in the G1TB register) and data
is transferred to the transmit register from the G1TB register.
_ The IRS bit is set to "1" (transmission completed) and data transfer from the
transmit register is completed
• While receiving, the following condition can be selected to set the SIO1RR bit is set
to "1":
Data is transferred from the receive register to the G1RB register (data reception
is completed)
Error Detection
• Overrun error(2)
This error occurs, when the next data reception is started and the final stop bit of the
next data is received before reading the G1RB register
• Parity error
While parity is enabled, this error occurs when the number of "1" in parity and char-
acter bits does not match the number of "1" set
• Framing error
This error occurs when the number of the stop bits set is not detected
Selectable Function
• Stop bit length
The length of the stop bit is selected from 1 bit or 2 bits
• LSB first or MSB first
Select either bit 0 or bit 7 to transmit or receive data
NOTES:
1. The transfer clock must be fBT1 divided by six or more.
2. When an overrun error occurs, the G1RB register is indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com