Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 326Page - Renesas Technology Corp M32C/86T Datasheet HTML 327Page - Renesas Technology Corp M32C/86T Datasheet HTML 328Page - Renesas Technology Corp M32C/86T Datasheet HTML 329Page - Renesas Technology Corp M32C/86T Datasheet HTML 330Page - Renesas Technology Corp M32C/86T Datasheet HTML 331Page - Renesas Technology Corp M32C/86T Datasheet HTML 332Page - Renesas Technology Corp M32C/86T Datasheet HTML 333Page - Renesas Technology Corp M32C/86T Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 505 page
background image
Page 307
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 22.25 HDLC Processing Mode Specifications (Continued)
Item
Specification
Interrupt Request(1)
During transmit data processing,
• One of the following conditions can be selected to set the GiTOR bit in the
interrupt request register to "1" (interrupt request) (see Figure 11.14).
_ When the IRS bit in the GiMR register is set to "0" (no data in the GiTB
register) and data is transferred from the GiTB register to the transmit regis-
ter (transmit start).
_ When the IRS bit is set to "1" (transmission completed) and data transfer from
the transmit register to the GiTO register is completed.
• When data, which is already converted to HDLC data, is transferred from the
receive register of the GiTO register to the transmit buffer, the GiTOR bit is set
to "1"
During received data processing,
• When data is transferred from the GiRI register to the GiRB register (reception
completed), the GiRIR bit is set to "1" (See Figure 11.14).
• When received data is transferred from the receive buffer of the GiRI register to
the receive register, the GiRIR bit is set to "1".
• When the GiTB register is compared to the GiCMPj register (j=0 to 3), the
SRTiR bit is set to "1".
NOTES:
1. See Figure 11.14 for details on the GiTOR bit, GiRIR bit and SRTiR bit.
Table 22.26 Clock Settings (Communication Unit 0)
Transfer Clock(1)
CCS Register
CCS0 Bit
CCS1 Bit
f1
10
f8
11
f2n(2)
01
NOTES:
1. The transfer clock for reception is generated when the RSHTE bit in the G0ERC register is set to "1"
(receive shift operation enabled).
2. The CNT3 to CNT0 bits in the TCSPR register select no division (
n=0) or divide-by-2n (n=1 to 15).
Table 22.27 Clock Settings (Communication Unit 1)
Transfer Clock(1)
CCS Register
CCS2 Bit
CCS3 Bit
fBT1
00
2x(
n+2)
f1
10
f8
11
f2n(3)
01
n: Setting value of the G1PO0 register, 000116 to FFFD16
NOTES:
1. The transfer clock for reception is generated when the RSHTE bit in the G1ERC register is set to "1"
(receive shift operation enabled).
2. The transfer clock is generated in single-phase waveform output mode of the channel 1.
3. The CNT3 to CNT0 bits in the TCSPR register select no division (
n=0) or divide-by-2n (n=1 to 15).
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com