Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 321Page - Renesas Technology Corp M32C/86T Datasheet HTML 322Page - Renesas Technology Corp M32C/86T Datasheet HTML 323Page - Renesas Technology Corp M32C/86T Datasheet HTML 324Page - Renesas Technology Corp M32C/86T Datasheet HTML 325Page - Renesas Technology Corp M32C/86T Datasheet HTML 326Page - Renesas Technology Corp M32C/86T Datasheet HTML 327Page - Renesas Technology Corp M32C/86T Datasheet HTML 328Page - Renesas Technology Corp M32C/86T Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 505 page
background image
Page 302
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.30 Transmit and Receive Operation
n+2
m
Base Timer
The base timer is reset by the channel 0
waveform generation function
ISRxD1 Pin Input
(received data)
ISTxD1 Pin Output
(transmit data)
ISCLK1 Pin Output
(transmit clock in the
channel 3 generation
function)
SIO1TR Bit when IRS=0
(no data in the
G1TB register)
Write to the G1TB register
ISRxDi Pin Input
(received data)
ISTxDi Pin Output
(transmit data)
SIOiTR Bit when IRS=0
(no data in the
GiTB register)
SIOiTR Bit when IRS=1
(transmission completed)
Write to the GiTB register
The above applies to the following conditions:
• The CKDIR bit in the G1MR register is set to "0" (internal clock)
• The CCS3 and CCS2 bits in the CCS register are set to "002"
• The UFORM bit in the G1MR register is set to "0" (LSB first)
• The IPOL and OPOL bits in the G1CR register are set to "0" (no inverse)
n : Setting value of the G1PO0 register
m : Setting value of the G1PO3 register
SIO1TR bit : Bit in the IIO3IR register
SIO1RR bit : B it in the IIO2IR register
IRS bit
: Bit in the G1MR register
The above applies to the following conditions:
• The CKDIR bit in the GiMR register is set to "0" (internal clock)
• The CCS1 and CCS0 bits or the CCS3 and CCS2 bits in the CCS register
are set to "102" or "112"
• The UFORM bit in the GiMR register is set to "0" (LSB first)
• The IPOL and OPOL bits in the GiCR register are set to "0" (no inverse)
SIOiTR bit : Bit in the IIOjIR register (j=1, 3)
SIOiRR bit : B it in the IIOkIR register (k=0, 2)
IRS bit
: Bit in the GiMR register
TE bit
: Bit in the GiCR register
i=0, 1
Bit 1
Bit 2
Bit 6
Bit 0
Bit 7
Bit 1
Bit 2
Bit 6
Bit 0
Bit7
SIO1RR Bit
SIOiRR Bit
Write "0" by program
if setting to "0"
Write "0" by program if setting to "0"
Transfer Clock
f8, f2n or
External Clock
TE Bit
Bit 1
Bit 2
Bit 6
Bit 0
Bit7
Bit 1
Bit 2
Bit 6
Bit 0
Bit7
Write "0" by program
if setting to "0"
Write "0" by program
if setting to "0"
Write "0" by program if setting to "0"
(1) When f8, f2n or External Clock is Selected as the Communication clock
(Communication Units 0 and 1)
(2) When the Communication Clock is Generated in Channel 3 Phase-Delayed Waveform Output Mode
(Communication Unit 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com