Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 337Page - Renesas Technology Corp M32C/86T Datasheet HTML 338Page - Renesas Technology Corp M32C/86T Datasheet HTML 339Page - Renesas Technology Corp M32C/86T Datasheet HTML 340Page - Renesas Technology Corp M32C/86T Datasheet HTML 341Page - Renesas Technology Corp M32C/86T Datasheet HTML 342Page - Renesas Technology Corp M32C/86T Datasheet HTML 343Page - Renesas Technology Corp M32C/86T Datasheet HTML 344Page - Renesas Technology Corp M32C/86T Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 505 page
background image
Page 318
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Control Register 0 (i=0, 1)
Symbol
Address
After Reset(1)
C0CTLR0
020116 - 020016
XXXX 0000 XX01 0X012
C1CTLR0
028116 - 028016
XXXX 0000 XX01 0X012
RW
RESET1
TSPRE0
TSRESET
CAN Reset Bit 1
Time Stamp
Counter Reset Bit
0: CAN module reset exited
1: CAN module is reset(2)
RESET0
LOOPBACK
(b2)
BASICCAN
CAN Reset Bit 0
Loop Back Mode
Select Bit
BasicCAN Mode
Select Bit
0: Disables BasicCAN mode function
1: Enables BasicCAN mode function
0: Disables loop back function
1: Enables loop back function
0: CAN module reset exited
1: CAN module is reset(2)
TSPRE1
ECRESET
(b15 - b12)
(b7 - b6)
(b5)
Error Counter
Reset Bit
0: Nothing is occurred
1: This bit is automatically set to "0" after
the CiTEC and CiREC registers are
set to "0016"(3)
Time Stamp
Prescaler Select Bit
Reserved Bit
Set to "0"
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
RW
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
2. Set the RESET1 and RESET0 bits to the same value simultaneously.
3. These bits can only be set to "1", not "0", by program.
0 0: Selects the CAN bus bit clock
0 1: Selects the CAN bus bit clock divided by 2
1 0: Selects the CAN bus bit clock divided by 3
1 1: Selects the CAN bus bit clock divided by 4
b9 b8
0: Nothing is occurred
1: This bit is automatically set to "0" after
the CiTSR register is set to "000016"(3)
b7
b0
b15
b8
0
23.1 CAN-Associated Registers
Figures 23.3 to 23.18, and Figures 23.20 to 23.33 show registers associated with CAN. To access the
CAN-associated registers, set the CM21 bit in the CM2 register to "0" (main clock or PLL clock as CPU
clock) and the MCD4 to MCD0 bits in the MCD register to "100102" (no division mode). Or, set the PM24 bit
in the PM2 register to "1" (main clock direct mode) and the PM25 bit in the PM2 regiseter to "1" (CAN clock).
Two wait states are added into the bus cycle.
Refer to 7. Processor Mode and 9. Clock Generation Circuit.
23.1.1 CANi Control Register 0 (CiCTLR0 Register) (i=0, 1)
Figure 23.3 C0CTLR0 and C1CTLR0 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com