Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 386Page - Renesas Technology Corp M32C/86T Datasheet HTML 387Page - Renesas Technology Corp M32C/86T Datasheet HTML 388Page - Renesas Technology Corp M32C/86T Datasheet HTML 389Page - Renesas Technology Corp M32C/86T Datasheet HTML 390Page - Renesas Technology Corp M32C/86T Datasheet HTML 391Page - Renesas Technology Corp M32C/86T Datasheet HTML 392Page - Renesas Technology Corp M32C/86T Datasheet HTML 393Page - Renesas Technology Corp M32C/86T Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 505 page
background image
Page 367
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
24.5 Function Select Register C, C2, C3 (PSC, PSC2, PSC3 Registers)
Figures 24.15 and 24.16 show the PSC, PSC2 and PSC3 registers.
When multiple peripheral function outputs are assigned to a pin, the PSC, PSC2 and PSC3 registers select
which peripheral function output is used.
Refer to 24.10 Analog Input and Other Peripheral Function Input for the PSC_7 bit in the PSC register.
24.6 Function Select Register D (PSD1 Register)
Figure 24.16 shows the PSD1 register.
When multiple peripheral function outputs are assigned to a pin, the PSD1 register selects which peripheral
function output is used.
24.7 Pull-up Control Register 0 to 4 (PUR0 to PUR4 Registers)
Figures 24.17 and 24.18 show the PUR0 to PUR4 registers.
The PUR0 to PUR4 registers select whether the ports, divided into groups of four ports, are pulled up or not.
Ports with bits in the PUR0 to PUR4 registers set to "1" (pull-up) and the direction registers set to "0" (input
mode) are pulled up.
Set bits in the PUR0 and PUR1 registers in P0 to P5, running as bus, to "0" (no pull-up) in memory expan-
sion mode and microprocessor mode. P0, P1 and P40 to P43 can be pulled up when they are used as input
ports in memory expansion mode and microprocessor mode.
24.8 Port Control Register (PCR Register)
Figure 24.19 shows the PCR register.
The PCR register selects either CMOS output or N-channel open drain output as the P1 output format. If
the PCR0 bit is set to "1", N-channel open drain output is selected because the P-channel in the CMOS port
is turned off. This is, however, not a perfect open drain. Therefore, the absolute maximum rating of the
input voltage is between -0.3V and VCC + 0.3V.
If P1 is used as the data bus in memory expansion mode and microprocessor mode, set the PCR0 bit to "0".
If P1 is used as a port in memory expansion mode and microprocessor mode, the PCR0 bit determines the
output format.
24.9 Input Function Select Register (IPS and IPSA Registers)
Figures 24.19 and 24.20 show the IPS and IPSA registers.
The IPS3, IPS1 and IPS0 bits in the IPS register and the IPSA_3 and IPSA_0 bits in the IPSA register select
which pin is assigned for the intelligent I/O or CAN input functions.
Refer to 24.10 Analog Input and Other Peripheral Function Input for the IPS2 bit.
24.10 Analog Input and Other Peripheral Function Input
The PSL3_6 to PSL3_3 bits in the PSL3 register, the PSC_7 bit in the PSC register and the IPS2 bit in the
IPS register each separate analog I/O ports from other peripheral functions. Setting the corresponding bit to
"1" (analog I/O) to use the analog I/O port (DA0, DA1, ANEX0, ANEX1, AN4 to AN7 or AN150 to AN157)
prevents an intermediate potential from being impressed to other peripheral functions. The impressed inter-
mediate potential may cause increase in power consumption.
Set the corresponding bit to "0" (except analog I/O) when analog I/O is not used. All peripheral function
inputs except the analog I/O port are available when the corresponding bit is set to "0". These inputs are
indeterminate when the bit is set to "1". When the PSC_7 bit is set to "1", key input interrupt request remains
_____
_____
unchanged regardless of KI0 to KI3 pin input level change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com