Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 387 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 383Page - Renesas Technology Corp M32C/86T Datasheet HTML 384Page - Renesas Technology Corp M32C/86T Datasheet HTML 385Page - Renesas Technology Corp M32C/86T Datasheet HTML 386Page - Renesas Technology Corp M32C/86T Datasheet HTML 387Page - Renesas Technology Corp M32C/86T Datasheet HTML 388Page - Renesas Technology Corp M32C/86T Datasheet HTML 389Page - Renesas Technology Corp M32C/86T Datasheet HTML 390Page - Renesas Technology Corp M32C/86T Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 505 page
background image
Page 364
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.4.2.2 When the INTSEL Bit is Set to "1"
If the CAN-associated interrupt is generated by one of the interrupt request source listed in 23.3.2
CANij Interrupts, the corresponding bit in the CiSISTR register (i=0,1) is set to "1" (interrupt re-
quested) when the CANi slot k completes a transmission or a reception. The corresponding bit in the
CiEISTR register is set to "1" (interrupt requested) when the CANi module detects a bus error, goes
into an error-passive state, or goes into a bus-off state.
The CANi receive interrupt request signal is set to "1" if the corresponding bit in the CiSIMKR register
is set to "1" (interrupt request enabled) and the corresponding bit in the CiSISTR register is set to "1"
when the CANi module completes a reception.
The CANi transmit interrupt request signal is set to "1" if the corresponding bit in the CiSIMKR register
is set to "1" and the corresponding bit in the CiSISTR register is set to "1" when the CANi module
completes a transmission.
The CANi error interrupt request signal is set to "1" if corresponding bits in the CiEIMKR register are
set to "1" and the corresponding bit in the CiEISTR register is set to "1" when the CANi module detects
a bus error, goes into an error-passive state, or goes into a bus-off state.
When the CANi receive interrupt request signal changes "0" to "1", the CAN00R bit in the IIO9IR
register and the CAN10R bit in the IIO0IR registers are set to "1" (interrupt requested). If the CAN00E
in the IIO9IE register is set to "1" (interrupt enabled), the IR bit in the CAN0IC register is set to "1"
(interrupt requested). If the CAN10E bit in the IIO0IE register is set to "1" (interrupt enabled), the IR bit
in the CAN3IC register is set to "1" (interrupt requested).
When the CANi transmit interrupt request signal changes "0" to "1", the CAN01R bit in the IIO10IR
register and the CAN11R bit in the IIO1IR registers are set to "1" (interrupt requested). If the CAN01E
in the IIO10IE register is set to "1" (interrupt enabled), the IR bit in the CAN1IC register is set to "1"
(interrupt requested). If the CAN11E bit in the IIO1IE register is set to "1" (interrupt enabled), the IR bit
in the CAN4IC register is set to "1" (interrupt requested).
When the CANi error interrupt request signal changes "0" to "1", the CAN02R bit in the IIO11IR register
and CAN12R bit in the IIO5IR register are set to "1" (interrupt requested). If the CAN02E in the IIO11IE
register is set to "1" (interrupt enabled), the IR bit in the CAN2IC register is set to "1" (interrupt re-
quested). If the CAN12E bit in the IIO5IE register is set to "1" (interrupt enabled), the IR bit in the
CAN5IC register is set to "1" (interrupt requested).
The CANi error interrupt request signal remains set to "1" if another interrupt request causes the
corresponding bit in the CiEIMKR register is set to "1" and the corresponding bit in the CiEISTR to be
set to "1" after the CANi error interrupt request signal changes "0" to "1". The CAN02R, CAN12R and
IR bits also remain unchanged.
Bits in the CiSISTR or CiEISTR register and CANijR bits (i=0,1, j=0 to 2) in the IIO0IR to IIO1IR, IIO5IR
or IIO9IR to IIO11IR registers are not set to "0" automatically, interrupt acknowledgment notwithstand-
ing. Set these bits to "0" by program.
The CANi receive interrupt and CANi transmit interrupt are acknowledged when the CAN00R bit in the
IIO9IR register, the CAN01R bit in the IIO10IR register, the CAN10R bit in the IIO0IR register and the
CAN11R bit in the IIO1IR register are set to "0". Corresponding bits in the CiSISTR register can be set
to either "0" or "1".
The CANi error interrupt is acknowledged when the CAN02R bit in the IIO11IR register, the CAN12R
bit in the IIO5IR register and corresponding bits in the CiEISTR register are set to "0".
If these bits remain set to "1", all CAN-associated interrupt request source become invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com