Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 381Page - Renesas Technology Corp M32C/86T Datasheet HTML 382Page - Renesas Technology Corp M32C/86T Datasheet HTML 383Page - Renesas Technology Corp M32C/86T Datasheet HTML 384Page - Renesas Technology Corp M32C/86T Datasheet HTML 385Page - Renesas Technology Corp M32C/86T Datasheet HTML 386Page - Renesas Technology Corp M32C/86T Datasheet HTML 387Page - Renesas Technology Corp M32C/86T Datasheet HTML 388Page - Renesas Technology Corp M32C/86T Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 505 page
background image
Page 362
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
(1)
STATE_BUSERROR
bit
CAN bus
Error frame
Transmit / receive frame
BEIS bit
Error detected
"1"
"0"
"1"
"0"
23.3.4 CAN Bus Error Timing
Figure 23.40 shows an operation example of when a CAN bus error occurs.
(1) When a CAN bus error is detected, the STATE_BUSERROR bit in the CiSTR register is set to "1",
(error occurred) and the BEIS bit in the CiEISTR register is set to "1" (interrupt requested). The
CAN starts transmitting the error frame.
Figure 23.40 Operation Timing when CAN Bus Error Occurs
23.4 CAN Interrupts
The CAN1 wake-up interrupt and CANij interrupts (i=0,1,j=0 to 2) are provided as the CAN interrupt.
23.4.1 CAN1 Wake-Up Interrupt
_______________
When a signal applied to the CAN1WU pin is on the falling edge, the CAN1WUR bit in the IIO5IR register
is set to "1" (interrupt requested). At this time, the IR bit in the CAN5IC register is set to "1" (interrupt
requested) if the CAN1WUE bit in the IIO5IE register is set to "1" (interrupt enabled).
If P77 (CAN0IN) is used as a CAN0 input port, the CAN0 wake-up interrupt is available by using event
counter mode of Timer A3 (TA3IN) that shares a pin with CAN0.
If P83 (CAN0IN/CAN1IN) is used as a CAN input port, the CAN0 and CAN1 wake-up interrupts are
________
available by using INT1 that shares a pin with CAN0IN/CAN1IN.
23.4.2 CANij Interrupts
Figure 23.41 shows a block diagram of the CANij interrupts. The followings cause the CAN-associated
interrupt request to be generated.
- The CANi slot k (k=0 to 15) completes a transmission
- The CANi slot k completes a reception
- The CANi module detects a bus error
- The CANi module moves into an error-passive state
- The CANi module moves into a bus-off state
The INTSEL bit in the CiCTLR1 register determines how an interrupt request is generated. When the
INTSEL bit is set to "0", one of the above CANi interrupt request source causes the CANij interrupts to
be generated by the OR circuit. When the INTSEL bit is set to "1", CANi transmission completed, CANi
reception completed and CANi errors (CANi bus error detection, CANi module into error-passive state
and CANi module into bus-off state) cause the CANij interrupt corresponding to each source to be
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com