Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 378Page - Renesas Technology Corp M32C/86T Datasheet HTML 379Page - Renesas Technology Corp M32C/86T Datasheet HTML 380Page - Renesas Technology Corp M32C/86T Datasheet HTML 381Page - Renesas Technology Corp M32C/86T Datasheet HTML 382Page - Renesas Technology Corp M32C/86T Datasheet HTML 383Page - Renesas Technology Corp M32C/86T Datasheet HTML 384Page - Renesas Technology Corp M32C/86T Datasheet HTML 385Page - Renesas Technology Corp M32C/86T Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 505 page
background image
Page 359
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.2 CAN Clock
The CAN clock is the operating clock for the CAN module. f1 or fCAN can be selected as the CAN clock.
fCAN has the same frequency as the main clock. The PM25 bit in the PM2 register determines the CAN
clock. Refer to 9. Clock Generation Circuit for details.
23.2.1 Main Clock Direct Mode
fCAN becomes the CAN clock in main clock direct mode. The CAN module must enter main clock direct
mode while the PM25 bit is set to "1" (main clock). Set the PM25 bit in CAN sleep mode.
Set the PM24 bit in the PM2 register to "1" (main clock) before accessing CAN-associated registers in
main clock direct mode. Do not enter wait mode or stop mode when the PM24 bit is set to "1".
Table 23.5 lists CAN clock settings. Figure 23.36 shows a flow chart of accessing procedure for CAN-
associated registers.
Table 23.5 CAN Clock Settings
N
A
C
k
c
o
l
C
e
c
r
u
o
S
k
c
o
l
C
0
M
C
r
e
t
s
i
g
e
R
1
M
C
r
e
t
s
i
g
e
R
2
M
C
r
e
t
s
i
g
e
R
r
e
t
s
i
g
e
R
2
M
P
D
C
M
r
e
t
s
i
g
e
R
t
i
B
7
0
M
Ct
i
B
7
1
M
Ct
i
B
1
2
M
Ct
i
B
4
2
M
Pt
i
B
5
2
M
P
o
t
4
D
C
M
s
t
i
b
0
D
C
M
f
N
A
C
k
c
o
l
C
n
i
a
M
)
e
d
o
M
t
c
e
r
i
D
k
c
o
l
C
n
i
a
M
(
01
0
1
1
-
-
-
f1
k
c
o
l
C
n
i
a
M
000
00
0
1
0
0
1
2
k
c
o
l
C
L
L
P0
1
0
0
0
0
1
0
0
1
2
Figure 23.36 Accessing Procedure for CAN-Associated Registers
Start
Wait until a clock oscillation stabilized
Set the PM24 bit in the PM2 register
to "1" (main clock)
Set the PM24 bit to "0" (clock selected
by the CM07 bit in the CM0 register)
Access to CAN-associated registers
End
NOTES:
1. Waiting time varies depending on the CPU clock frequency before or after PM24 bit
setting is changed.
2 x High Frequency
Cycles
Low Frequency
- High Frequency : Higher Frequency compared "before PM24 bit setting changes" with
"after PM24 bit setting changes"
- Low Frequency : Lower Frequency compared "before PM24 bit setting changes" with
"after PM24 bit setting changes"
Waiting Time
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com