Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 380 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 380 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 376Page - Renesas Technology Corp M32C/86T Datasheet HTML 377Page - Renesas Technology Corp M32C/86T Datasheet HTML 378Page - Renesas Technology Corp M32C/86T Datasheet HTML 379Page - Renesas Technology Corp M32C/86T Datasheet HTML 380Page - Renesas Technology Corp M32C/86T Datasheet HTML 381Page - Renesas Technology Corp M32C/86T Datasheet HTML 382Page - Renesas Technology Corp M32C/86T Datasheet HTML 383Page - Renesas Technology Corp M32C/86T Datasheet HTML 384Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 505 page
background image
Page 357
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Message Slot Buffer j Time Stamp High-Ordered (i=0,1, j=0,1)(1)
Symbol
Address
After Reset
C0SLOT0_14, C0SLOT1_14
01EE16, 01FE16
Indeterminate
C1SLOT0_14, C1SLOT1_14
026E16, 027E16
Indeterminate
RW
RW
Function
Setting Range
Read or write the time stamp high-ordered
in the message slot k (k=0 to 15)
0016 to FF16
NOTES:
1. Select, by setting the CiSBS register, the time stamp high-ordered in the message slot k to be
accessed by the CiSLOTj_14 register.
b7
b0
CANi Message Slot Buffer j Time Stamp Low-Ordered (i=0,1, j=0,1)(1)
Symbol
Address
After Reset
C0SLOT0_15, C0SLOT1_15
01EF16, 01FF16
Indeterminate
C1SLOT0_15, C1SLOT1_15
026F16, 027F16
Indeterminate
RW
RW
Function
Setting Range
Read or write the time stamp low-ordered
in the message slot k (k=0 to 15)
0016 to FF16
NOTES:
1. Select, by setting the CiSBS register, the time stamp low-ordered in the message slot k to be
accessed by the CiSLOTj_15 register.
b7
b0
CANi Message Slot Buffer j Data m (i=0,1, j=0,1)(1, 2)
Symbol
Address
After Reset
C0SLOT0_6 to C0SLOT0_13
01E616 - 01ED16
Indeterminate
C0SLOT1_6 to C0SLOT1_13
01F616 - 01FD16
Indeterminate
C1SLOT0_6 to C1SLOT0_13
026616 - 026D16
Indeterminate
C1SLOT1_6 to C1SLOT1_13
027616 - 027D16
Indeterminate
RW
RW
Function
Setting Range
Read or write data m in the message slot k
(k=0 to 15, m=0 to 7)
0016 to FF16
NOTES:
1. Select, by setting the CiSBS register, the data m in the message slot k to be accessed by the
CiSLOTj_6 to CiSLOTj_13 registers.
2. When the data frame is received, data with less than the data length selected by the CiSLOTj_5
register is indeterminate.
b7
b0
Figure 23.34 C0SLOT0_6 to C0SLOT0_13, C0SLOT1_6 to C0SLOT1_13, C0SLOT0_14,
C0SLOT1_14, C0SLOT0_15 and C0SLOT1_15 Registers
C1SLOT0_6 to C1SLOT0_13, C1SLOT1_6 to C1SLOT1_13, C1SLOT0_14,
C1SLOT1_14, C1SLOT0_15 and C1SLOT1_15 Registers
The message slot, selected by setting the CiSBS register, is read by reading the message slot buffer. A
message can be written in the message slot selected by the CiSBS register if the message is written to
the message slot buffer.
Write to the message slot k (k=0 to 15) while the corresponding CiMCTLk register is set to "0016".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com