Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 372Page - Renesas Technology Corp M32C/86T Datasheet HTML 373Page - Renesas Technology Corp M32C/86T Datasheet HTML 374Page - Renesas Technology Corp M32C/86T Datasheet HTML 375Page - Renesas Technology Corp M32C/86T Datasheet HTML 376Page - Renesas Technology Corp M32C/86T Datasheet HTML 377Page - Renesas Technology Corp M32C/86T Datasheet HTML 378Page - Renesas Technology Corp M32C/86T Datasheet HTML 379Page - Renesas Technology Corp M32C/86T Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 505 page
background image
Page 353
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 23.30 C0SBS and C1SBS Registers
23.1.21.1 SBS03 to SBS00 Bits
If the SBS03 to SBS00 bits select a number j (j=0 to 15), the message slot j is allocated to the CANi
message slot buffer 0. The message slot j can be accessed via addresses 01E016 to 01EF16, and
026016 to 026F16.
23.1.21.2 SBS13 to SBS10 Bits
If the SBS13 to SBS10 bits select a number j, the message slot j is allocated to the CANi message slot
buffer 1. The message slot j can be accessed via addresses 01F016 to 01FF16, and 027016 to 027F16.
CANi Slot Buffer Select Register (i=0,1)
Symbol
Address
After Reset(2)
C0SBS
024016
0016
C1SBS
025016
0016
SBS00
SBS01
CANi Message
Slot Buffer 0
Number Select Bit
CANi Message
Slot Buffer 1
Number Select Bit
SBS02
SBS03
SBS10
SBS11
SBS12
SBS13
0 0 0 0 : Message slot 0
0 0 0 1 : Message slot 1
0 0 1 0 : Message slot 2
0 0 1 1 : Message slot 3
(Note 1)
(Note 1)
Bit Name
Function
Bit
Symbol
b3 b2 b1 b0
1 1 0 0 : Message slot 12
1 1 0 1 : Message slot 13
1 1 1 0 : Message slot 14
1 1 1 1 : Message slot 15
0 0 0 0 : Message slot 0
0 0 0 1 : Message slot 1
0 0 1 0 : Message slot 2
0 0 1 1 : Message slot 3
b3 b2 b1 b0
1 1 0 0 : Message slot 12
1 1 0 1 : Message slot 13
1 1 1 0 : Message slot 14
1 1 1 1 : Message slot 15
RW
RW
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. 16 CANi message slots are provided. Each message slot can be selected as a transmit or a receive
slot.
2. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
b7
b6
b5
b4
b3
b2
b1
b0
23.1.21 CANi Slot Buffer Select Register (CiSBS Register) (i=0,1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com