Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 371Page - Renesas Technology Corp M32C/86T Datasheet HTML 372Page - Renesas Technology Corp M32C/86T Datasheet HTML 373Page - Renesas Technology Corp M32C/86T Datasheet HTML 374Page - Renesas Technology Corp M32C/86T Datasheet HTML 375Page - Renesas Technology Corp M32C/86T Datasheet HTML 376Page - Renesas Technology Corp M32C/86T Datasheet HTML 377Page - Renesas Technology Corp M32C/86T Datasheet HTML 378Page - Renesas Technology Corp M32C/86T Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 505 page
background image
Page 352
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.1.20.7 RECREQ Bit
The RECREQ bit selects transmit/receive mode shown in Table 23.4. Set the RECREQ bit to "1"
(receive requested) when data frame or remote frame is received. Set the RECREQ bit to "0" (no
receive requested) when data frame or remote frame is transmitted.
When a data frame is automatically transmitted after a remote frame is received, the RECREQ bit
remains set to "1". Set the RECREQ bit to "0" to transmit a remote frame. After a remote frame is
transmitted, a data frame is automatically received while the RECREQ bit remains set to "0".
When setting the TRMREQ bit to "1" (transmit requested), do not set the RECREQ bit to "1" (receive
requested).
23.1.20.8 TRMREQ Bit
The TRMREQ bit selects transmit/receive mode shown in Table 23.4. Set the TRMREQ bit to "1"
(transmit requested) when data frame or remote frame is transmitted.
Set the TRMREQ bit to "0" (no request to transmit the frame) when data frame or remote frame is
received.
When the data frame is automatically received after the remote frame is transmitted, the TRMREQ bit
remains set to "1". Set the TRMREQ bit to "0" to receive the remote frame. After the remote frame is
received, data frame is automatically transmitted while the TRMREQ bit remains set to "0".
If the RECREQ bit is set to "1" (request to receive the frame), do not set the TRMREQ bit to "1" (
request to transmit the frame).
NOTES:
1. If some message slots are requested to transmit the data frame or remote frame, the message
slot, having the smallest slot number starts transmitting.
2. In single-shot mode, the CiMCTLj register is set to "0016" when data transmission is failed, due
to the arbitration lost or transmission error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com