Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 368Page - Renesas Technology Corp M32C/86T Datasheet HTML 369Page - Renesas Technology Corp M32C/86T Datasheet HTML 370Page - Renesas Technology Corp M32C/86T Datasheet HTML 371Page - Renesas Technology Corp M32C/86T Datasheet HTML 372Page - Renesas Technology Corp M32C/86T Datasheet HTML 373Page - Renesas Technology Corp M32C/86T Datasheet HTML 374Page - Renesas Technology Corp M32C/86T Datasheet HTML 375Page - Renesas Technology Corp M32C/86T Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 505 page
background image
Page 349
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Message Slot j Control Register (i=0,1, j=0 to 15)(1)
Symbol
Address
After Reset(2)
C0MCTL0 to C0MCTL3
023016(3), 023116(3), 023216(3), 023316(3)
0016
C0MCTL4 to C0MCTL7
023416(3), 023516, 023616, 023716
0016
C0MCTL8 to C0MCTL11
023816(4), 023916(4), 023A16(4), 023B16(4)
0016
C0MCTL12 to C0MCTL15
023C16(4), 023D16, 023E16, 023F16
0016
C1MCTL0 to C1MCTL3
02B016(5), 02B116(5), 02B216(5), 02B316(5)
0016
C1MCTL4 to C1MCTL7
02B416(5), 02B516, 02B616, 02B716
0016
C1MCTL8 to C1MCTL11
02B816(6), 02B916(6), 02BA16(6), 02BB16(6) 0016
C1MCTL12 to C1MCTL15
02BC16(6), 02BD16, 02BE16, 02BF16
0016
When receive,
NEWDATA
When transmit,
SENTDATA
When receive,
INVALDATA
When transmit,
TRMACTIVE
MSGLOST
REMACTIVE
Receive Complete
Flag
Transmit Complete
Flag
Receiving Flag
Transmitting Flag
In modes other than BasicCan mode
0: Data frame
1: Remote frame
In BasicCan mode
0: Receives the data frame (status)
1: Receives the remote frame (status)
Overwrite Flag(7)
Remote Frame
Transmit/Receive
Status Flag
When receiving
0: Not received(4)
1: Receive complete
When transmitting
0: Not transmitted(4)
1: Transmit complete
When receiving
0: Except storing
received data
1: Stores received data
Bit Name
Function
Bit
Symbol
0: No overrun error occurs
1: Overrun error occurs
When transmitting
0: Except transmitting
1: Transmittting
b7
b6
b5
b4
b3
b2
b1
b0
RW
RW
RO
RW
RO
RSPLOCK
REMOTE
TRMREQ
RECREQ
0: Enables automatic answering of the remote
frame
1: Disables automatic answering of the remote
frame
0: Transmits/receives the data frame
1: Transmits/receives the remote frame
0: No request to receive the frame
1: Request to receive the frame
0: No request to transmit the frame
1: Request to transmit the frame
Automatic
Answering
Disable Mode
Select Bit
Remote Frame
Set Bit
Receive
Request Bit
Transmit
Request Bit
RW
RW
RW
RW
NOTES:
1. The CiMCTLj register can be accessed only when the BANKSEL bit in the CiCTLR1 register is set to
"0" (message slot control register and single-shot register selected).
2. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset, supplying the clock to the CAN module, and setting the BANKSEL bit to "0".
3. The C0MCTL0 to C0MCTL4 registers each share addresses with the C0LMAR0 to C0LMAR4
registers.
4. The C0MCTL8 to C0MCTL12 registers each share addresses with the C0LMBR0 to C0LMBR4
registers.
5. The C1MCTL0 to C1MCTL4 registers each share addresses with the C1LMAR0 to C1LMAR4
registers.
6. The C1MCTL8 to C1MCTL12 registers each share addresses with the C1LMBR0 to C1LMBR4
registers.
7. Set to "0" by program. If it is set to "1", the value before setting to "1" remains.
23.1.20 CANi Message Slot j Control Register (CiMCTLj Register) (i=0,1, j=0 to 15)
Figure 23.29 C0MCTL0 to C0MCTL15 Registers and C1MCTL0 to C1MCTL15 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com