Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 364Page - Renesas Technology Corp M32C/86T Datasheet HTML 365Page - Renesas Technology Corp M32C/86T Datasheet HTML 366Page - Renesas Technology Corp M32C/86T Datasheet HTML 367Page - Renesas Technology Corp M32C/86T Datasheet HTML 368Page - Renesas Technology Corp M32C/86T Datasheet HTML 369Page - Renesas Technology Corp M32C/86T Datasheet HTML 370Page - Renesas Technology Corp M32C/86T Datasheet HTML 371Page - Renesas Technology Corp M32C/86T Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 505 page
background image
Page 345
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Global Mask Register Extended ID1(1)
CANi Local Mask Register A Extended ID1(1)
CANi Local Mask Register B Extended ID1(1) (i=0,1)
EID6M
EID7M
EID8M
EID9M
EID10M
EID11M
EID13M
EID12M
Extended ID6
0: No ID is verified
1: ID is verified
Extended ID7
Extended ID8
Extended ID9
Extended ID10
Extended ID11
Extended ID12
Extended ID13
Bit Name
Function
Bit
Symbol
Symbol
Address
After Reset(2)
C0GMR3, C1GMR3
022B16, 02AB16
0016
C0LMAR3, C1LMAR3
023316(3), 02B316(4)
0016
C0LMBR3, C1LMBR3
023B16(5), 02BB16(6)
0016
b7
b6
b5
b4
b3
b2
b1
b0
RW
RW
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. The CiGMR3, CiLMAR3 and CiLMBR3 registers can be accessed only when the BANKSEL bit in
the CiCTLR1 register is set to "1" (mask register selected).
2. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset, supplying the clock to the CAN module, and setting the BANKSEL bit to "0".
3. The C0LMAR3 register shares the same address with the C0MCTL3 register.
4. The C1LMAR3 register shares the same address with the C1MCTL3 register.
5. The C0LMBR3 register shares the same address with the C0MCTL11 register.
6. The C1LMBR3 register shares the same address with the C1MCTL11 register.
Figure 23.25 C0GMR3, C0LMAR3 and C0LMBR3 Registers
C1GMR3, C1LMAR3 and C1LMBR3 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com