Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 363Page - Renesas Technology Corp M32C/86T Datasheet HTML 364Page - Renesas Technology Corp M32C/86T Datasheet HTML 365Page - Renesas Technology Corp M32C/86T Datasheet HTML 366Page - Renesas Technology Corp M32C/86T Datasheet HTML 367Page - Renesas Technology Corp M32C/86T Datasheet HTML 368Page - Renesas Technology Corp M32C/86T Datasheet HTML 369Page - Renesas Technology Corp M32C/86T Datasheet HTML 370Page - Renesas Technology Corp M32C/86T Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 505 page
background image
Page 344
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 23.24 C0GMR2, C0LMAR2 and C0LMBR2 Registers
C1GMR2, C1LMAR2 and C1LMBR2 Registers
CANi Global Mask Register Extended ID0(1)
CANi Local Mask Register A Extended ID0(1)
CANi Local Mask Register B Extended ID0(1) (i=0, 1)
RW
EID14M
EID15M
EID16M
EID17M
(b7 - b4)
Extended ID14
0: No ID is verified
1: ID is verified
Extended ID15
Extended ID16
Extended ID17
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
RW
RW
RW
NOTES:
1. The CiGMR2, CiLMAR2 and CiLMBR2 registers can be accessed only when the BANKSEL bit in
the CiCTLR1 register is set to "1" (mask register selected).
2. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset, supplying the clock to the CAN module, and setting the BANKSEL bit to "0".
3. The C0LMAR2 register shares the same address with the C0MCTL2 register.
4. The C1LMAR2 register shares the same address with the C1MCTL2 register.
5. The C0LMBR2 register shares the same address with the C0MCTL10 register.
6. The C1LMBR2 register shares the same address with the C1MCTL10 register.
Symbol
Address
After Reset(2)
C0GMR2, C1GMR2
022A16, 02AA16
XXXX 00002
C0LMAR2, C1LMAR2
023216(3), 02B216(4)
XXXX 00002
C0LMBR2, C1LMBR2
023A16(5), 02BA16(6)
XXXX 00002
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com