Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 360Page - Renesas Technology Corp M32C/86T Datasheet HTML 361Page - Renesas Technology Corp M32C/86T Datasheet HTML 362Page - Renesas Technology Corp M32C/86T Datasheet HTML 363Page - Renesas Technology Corp M32C/86T Datasheet HTML 364Page - Renesas Technology Corp M32C/86T Datasheet HTML 365Page - Renesas Technology Corp M32C/86T Datasheet HTML 366Page - Renesas Technology Corp M32C/86T Datasheet HTML 367Page - Renesas Technology Corp M32C/86T Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 505 page
background image
Page 341
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.1.18 CANi Single-Shot Status Register (CiSSSTR Register) (i=0, 1)
Figure 23.21 C0SSSTR and C1SSSTR Registers
If the arbitration lost or transmission error causes a transmission failure, the bit corresponding to mes-
sage slot j (j=0 to 15) is set to "1". The SSSj bit is set to "0" by program because it is not set to "0"
automatically.
Use the MOV instruction, instead of the bit clear instruction, to set the SSSj bit to "0". Bits not being
changed to "0" must be set to "1".
For example:
To set the SSS0 bit for CAN0 to "0"
Assembly language:
mov.w #07FFFh, C0SSSTR
C language:
c0ssstr = 0x7FFF;
CANi Single-Shot Status Register (i=0, 1)(1)
Symbol
Address
After Reset(2)
C0SSSTR
022516 - 022416
000016
C1SSSTR
02A516 - 02A416
000016
RW
SSS15
SSS14
SSS13
SSS12
SSS11
SSS10
Message Slot 15 Single-Shot
Status Bit
SSS9
SSS8
SSS7
SSS6
SSS5
Message Slot 14 Single-Shot
Status Bit
Message Slot 13 Single-Shot
Status Bit
Message Slot 12 Single-Shot
Status Bit
Message Slot 11 Single-Shot
Status Bit
Message Slot 10 Single-Shot
Status Bit
Message Slot 9 Single-Shot
Status Bit
Message Slot 8 Single-Shot
Status Bit
Message Slot 7 Single-Shot
Status Bit
Message Slot 6 Single-Shot
Status Bit
Message Slot 5 Single-Shot
Status Bit
Message Slot 4 Single-Shot
Status Bit
Message Slot 3 Single-Shot
Status Bit
Message Slot 2 Single-Shot
Status Bit
Message Slot 1 Single-Shot
Status Bit
Message Slot 0 Single-Shot
Status Bit
SSS4
SSS3
SSS2
SSS1
SSS0
0: No arbitration is lost, or no
transmit error occurs
1: Arbitration is lost, or transmit
error occurs
Bit Name
Function
Bit
Symbol
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
(Note 3)
NOTES:
1. The CiSSSTR register can be accessed only when the BANKSEL bit in the CiCTLR1 is set to "0"
(message slot control register and single-shot register selected).
2.Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after reset
and supplying the clock to the CAN module.
3. Set to "0" by program. When it is set it to "1", the value before setting to "1" remains.
b7
b0
b15
b8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com