Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 361Page - Renesas Technology Corp M32C/86T Datasheet HTML 362Page - Renesas Technology Corp M32C/86T Datasheet HTML 363Page - Renesas Technology Corp M32C/86T Datasheet HTML 364Page - Renesas Technology Corp M32C/86T Datasheet HTML 365Page - Renesas Technology Corp M32C/86T Datasheet HTML 366Page - Renesas Technology Corp M32C/86T Datasheet HTML 367Page - Renesas Technology Corp M32C/86T Datasheet HTML 368Page - Renesas Technology Corp M32C/86T Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 505 page
background image
Page 342
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Global Mask Register Standard ID0(1)
CANi Local Mask Register A Standard ID0(1)
CANi Local Mask Register B Standard ID0(1) (i=0, 1)
Symbol
Address
After Reset(2)
C0GMR0, C1GMR0
022816, 02A816
XXX0 00002
C0LMAR0, C1LMAR0
023016(3), 02B016(4)
XXX0 00002
C0LMBR0, C1LMBR0
023816(5), 02B816(6)
XXX0 00002
RW
SID6M
SID7M
SID8M
SID9M
Standard ID6
0: No ID is verified
1: ID is verified
Standard ID7
Standard ID8
Standard ID9
SID10M
(b7 - b5)
Standard ID10
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
RW
RW
RW
RW
NOTES:
1. The CiGMR0, CiLMAR0 and CiLMBR0 registers can be accessed only when the BANKSEL bit in
the CiCTLR1 register is set to "1" (mask register selected).
2. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset, supplying the clock to the CAN module, and setting the BANKSEL bit to "1".
3. The C0LMAR0 register shares the same address with the C0MCTL0 register.
4. The C1LMAR0 register shares the same address with the C1MCTL0 register.
5. The C0LMBR0 register shares the same address with the C0MCTL8 register.
6. The C1LMBR0 register shares the same address with the C1MCTL8 register.
b7
b6
b5
b4
b3
b2
b1
b0
23.1.19 CANi Global Mask Register, CANi Local Mask Register A and CANi Local Mask
Register B (CiGMRk, CiLMARk and CiLMBRk Registers) (i=0,1, k=0 to 4)
Figure 23.22 C0GMR0, C0LMAR0 and C0LMBR0 Registers
C1GMR0, C1LMAR0 and C1LMBR0 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com