Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 380Page - Renesas Technology Corp M32C/86T Datasheet HTML 381Page - Renesas Technology Corp M32C/86T Datasheet HTML 382Page - Renesas Technology Corp M32C/86T Datasheet HTML 383Page - Renesas Technology Corp M32C/86T Datasheet HTML 384Page - Renesas Technology Corp M32C/86T Datasheet HTML 385Page - Renesas Technology Corp M32C/86T Datasheet HTML 386Page - Renesas Technology Corp M32C/86T Datasheet HTML 387Page - Renesas Technology Corp M32C/86T Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 505 page
background image
Page 361
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
NEWDATA bit
RECREQ bit
MBOX3 to
MBOX0 bits
Start
receiving
Intermission field
CAN bus
Receive frame
INVALDATA bit
RECSUCC bit
RECSTATE bit
SISj bit
(1)
(4)
(3)
Set to "1" by program
Bus idle
Bus idle
Receive frame
"1"
"0"
"1"
"0"
"1"
"0"
"1"
"0"
"1"
"0"
"1"
"0"
j=0 to 15
Reception-completed
message slot number
Reception
completed
(2)
Figure 23.38 Example of CAN Data Frame Transmit Operation
23.3.3 CAN Receive Timing
Figure 23.39 shows an operation example of when the CAN receives a frame.
(1) When the RECREQ bit in the CiMCTLj register (i=0,1, j= 0 to 15) is set to "1" (receive requested),
the CAN is ready to receive the frame at anytime.
(2) When the CAN starts receiving the frame, the RECSTATE bit in the CiSTR register is set to "1"
(during reception).
(3) After the CAN frame reception is completed, the INVALDATA bit in the CiMCTLj register is set to
"1" (storing received data), the NEWDATA bit in the CiMCTLj register is set to "1" (receive com-
plete) and the RECSUCC bit in the CiSTR register is set to "1" (reception completed).
(4) After data is written to the message slot, the INVALDATA bit is set to "0" (storing receiving data)
and the SISj bit in the CiSISTR register is set to "1" (interrupt requested). The MBOX3 to MBOX0
bits in the CiSTR register store received message slot numbers.
SENTDATA bit
TRMREQ bit
MBOX3 to
MBOX0 bits
Bus idle
Start transmtting
(1)
Intermission field
CAN bus
Transmit frame
"1"
"0"
"1"
"0"
TRMACTIVE bit
"1"
"0"
Set to "1" by program
TRMSUCC bit
"1"
"0"
TRMSTATE bit "1"
"0"
SISj bit
"1"
"0"
Transmit frame
Bus idle
j=0 to 15
Transmission-completed
message slot number
Transmission completed
(2)
Figure 23.39 Example of CAN Data Frame Receive Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com