Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 433Page - Renesas Technology Corp M32C/86T Datasheet HTML 434Page - Renesas Technology Corp M32C/86T Datasheet HTML 435Page - Renesas Technology Corp M32C/86T Datasheet HTML 436Page - Renesas Technology Corp M32C/86T Datasheet HTML 437Page - Renesas Technology Corp M32C/86T Datasheet HTML 438Page - Renesas Technology Corp M32C/86T Datasheet HTML 439Page - Renesas Technology Corp M32C/86T Datasheet HTML 440Page - Renesas Technology Corp M32C/86T Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 505 page
background image
Page 414
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
25.3.8 Full Status Check
If an error occurs when a program or erase operation is completed, the FMR07 and FMR06 bits in the
FMR0 register are set to "1", indicating a specific error. Therefore, execution results can be confirmed by
verifying these bits (full status check).
Table 25.6 lists errors and FMR0 register state. Figure 25.13 shows a flow chart of the full status check
and handling procedure for each error.
Table 25.6 Errors and FMR0 Register State
FMR0 Register
(SRD Register)
State
Error
Error Occurrence Conditions
FMR07
FMR06
(SR5)
(SR4)
1
1
Command
• An incorrect command is written
sequence error • A value other than "xxD016" or "xxFF16" is written in the second
bus cycle of the lock bit program, block erase or erase all un-
locked block command(1)
1
0
Erase error
• The block erase command is executed on a locked block(2)
• The block erase or erase all unlocked block command is ex-
ecuted on an unlock block, but the erase operation is not suc-
cessfully completed
0
1
Program error
• The program command is executed on locked blocks(2)
• The program command is executed on an unlocked block, but the
program operation is not completed as expected
• The lock bit program command is executed but the program op-
eration is not successfully completed
NOTES:
1. The flash memory enters read array mode when command code "xxFF16" is written in the second bus
cycle of these commands. The command code written in the first bus cycle is ignored.
2. When the FMR02 bit is set to "1" (lock bit disabled), no error occurs even under the conditions above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com